Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1300SAA Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # P1300SAA
Description  SURFACE MOUNT SMB AND AXIAL LEAD DO-41
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

P1300SAA Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  P1300SAA Datasheet HTML 1Page - MDE Semiconductor, Inc. P1300SAA Datasheet HTML 2Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
11/13/2013
FEATURES
• UL94V-0 Flammability Classification
• Peak Off-State Voltage from 58 to 300 volts
• ESD Protection >40 kilovolts
• Meet IEC100-4-4 & -5 Industry Requirement
• Provides Protection in Accordance with FCC
Part 68,UL1459,Bellcore 1089,ITU-TK. 20 & K. 21
Terminal: Solder plated, solderable per MIL-STD-750,
Standard Packaging: 12mm tape (EIA STD RS-481)
P0640SAA
P0640SAAL
G1
58
77
150
800
35
1
60
P0720SAA
P0720SAAL
G2
65
88
150
800
35
1
60
P0800SAA
P0800SAAL
G3
75
98
150
800
35
1
60
P1100SAA
P1100SAAL
G4
90
130
150
800
35
1
60
P1300SAA
P1300SAAL
G5
120
160
150
800
35
1
40
P1500SAA
P1500SAAL
G6
140
180
150
800
35
1
40
P1800SAA
P1800SAAL
G7
160
220
150
800
35
1
40
P2300SAA
P2300SAAL
G8
190
260
150
800
35
1
30
P2600SAA
P2600SAAL
G9
220
300
150
800
35
1
30
P3100SAA
P3100SAAL
GA
275
350
150
800
35
1
30
P3500SAA
P3500SAAL
GB
300
400
150
800
35
1
30
P4000SAA
P4000SAAL
FZ
360
450
150
800
35
1
30
SWITCHING
CURRENT
Is
mA
• Low Capacitance for T1/E1 Trunk and Line Card Application
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
TYPICAL
CAPACITANCE
@50V,1MHz
pF
MARKING
CODE FOR
SMA
PACKAGE
Weight: 0.002 ounce, 0.061 gram
Case: JEDEC DO-41 Molded plastic over passivated junction
Terminals: Tin Plated Axial leads, solderable per
Case: JEDEC DO214AC. Molded plastic over glass
REPETITIVE
PEAK OFF-
STAGE
VOLTAGE
VDRM
VOLTS
Method 2026
ON-
STAGE
CURRENT
IT
A
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
BIDIRECTIONAL THYRISTOR SURGE SUPPRESSOR SERIES
passivated junction
MIL-STD-750, Method 2026
• High Surge Current Capability(See Electrical Characteristics)••
MECHANICAL DATA
MECHANICAL DATA
SURFACE MOUNT SMB AND AXIAL LEAD DO-41
MDE
PART
NUMBER
MINIMUM
HOLDING
CURRENT
dl/dt=1A/ms
IH
mA
Weight: 0.012 ounce, 0.3 gram
MARKING
CODE FOR
AXIAL
DO-41
PACKAGE
Mounting Position: Any
For AXIAL devices,use suffix L (e.g. P3100AL) electrical charactics apply in both AXIAL and Surface Mounted Devices.
SWITCHING
VOLTAGE
@100V/us
Vs
VOLTS
SURGE
RATINGS
IPP
10x1000
μS
Amps
Maximum On-State Voltage @IT : 5volts
Maximum Off-State Current @VDRM : 5μA


Similar Part No. - P1300SAA

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
P1300SA TECCOR-P1300SA Datasheet
423Kb / 2P
   SIDACtor Device
logo
Shanghai Leiditech Elec...
P1300SA LEIDITECH-P1300SA Datasheet
591Kb / 9P
   Thyristor Surge Suppressors
logo
Littelfuse
P1300SA LITTELFUSE-P1300SA Datasheet
97Kb / 1P
   DO-214AA Package Symbolization
logo
HuaXinAn Electronics CO...
P1300SA HUAXINAN-P1300SA Datasheet
324Kb / 6P
   Thyristor Surge Suppressors
P1300SA HUAXINAN-P1300SA Datasheet
375Kb / 7P
   SIDACtor Protection Thyristors
More results

Similar Description - P1300SAA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
P0640SC MDE-P0640SC_13 Datasheet
168Kb / 3P
   SURFACE MOUNT SMB AND AXIAL LEAD DO-15
P0640SA MDE-P0640SA Datasheet
168Kb / 3P
   SURFACE MOUNT SMB AND AXIAL LEAD DO-15
P0640SB MDE-P0640SB_13 Datasheet
168Kb / 3P
   SURFACE MOUNT SMB AND AXIAL LEAD DO-15
logo
New Jersey Semi-Conduct...
1N4946 NJSEMI-1N4946 Datasheet
110Kb / 1P
   DO-41
1N4291 NJSEMI-1N4291 Datasheet
151Kb / 1P
   DO-41
logo
Continental Device Indi...
DO-41 CDIL-DO-41 Datasheet
146Kb / 3P
   DO-41 Hermetically Sealed Glass Axial Package
logo
New Jersey Semi-Conduct...
1N5559 NJSEMI-1N5559 Datasheet
336Kb / 1P
   DO-41 Case
1N4460 NJSEMI-1N4460 Datasheet
133Kb / 1P
   DO-41 Package
logo
WILLAS ELECTRONIC CORP
1N4001 WILLAS-1N4001_18 Datasheet
357Kb / 3P
   1.0A AXIAL SILICON RECTIFIERS-50V-1000V DO-41 PACKAGE
logo
Jiangsu High diode Semi...
SR1150 HDSEMI-SR1150 Datasheet
2Mb / 4P
   DO-41 Plastic-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com