Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC400-4312Q0001KE1T Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # DSC400-4312Q0001KE1T
Description  Configurable Four Output, Low Jitter Crystal-less??Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC400-4312Q0001KE1T Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button DSC400-4312Q0001KE1T Datasheet HTML 3Page - Micrel Semiconductor DSC400-4312Q0001KE1T Datasheet HTML 4Page - Micrel Semiconductor DSC400-4312Q0001KE1T Datasheet HTML 5Page - Micrel Semiconductor DSC400-4312Q0001KE1T Datasheet HTML 6Page - Micrel Semiconductor DSC400-4312Q0001KE1T Datasheet HTML 7Page - Micrel Semiconductor DSC400-4312Q0001KE1T Datasheet HTML 8Page - Micrel Semiconductor DSC400-4312Q0001KE1T Datasheet HTML 9Page - Micrel Semiconductor DSC400-4312Q0001KE1T Datasheet HTML 10Page - Micrel Semiconductor DSC400-4312Q0001KE1T Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
______________________________________________________________________________________________________________________________________________
DSC400
Page 7
DSC400 Configurable Four Output, Low Jitter Crystal-less™ Clock Generator
LVDS: Typical Termination Scheme
If the 100Ω clamping resistor does not exist inside the receiving device, it should be added externally on the
PCB and placed as close as possible to the receiver.
LVDS Outputs
Output offset Voltage
VOS
R=100Ω Differential
1.125
1.4
V
Delta Offset Voltage
∆VOS
50
mV
Pk to Pk Output Swing
VPP
Single-Ended
350
mV
Output Transition time3
Rise Time
Fall Time
tR
tF
20% to 80%
RL=50Ω, CL= 2pF
200
ps
Frequency
f0
Single Frequency
2.3
460
MHz
Output Duty Cycle
SYM
Differential
48
52
%
Supply Current – IO2
IDDio
Per output at 125MHz
9
12
mA
Period Jitter
JPER
2.5
psRMS
Integrated Phase Noise
JPH
200kHz to 20MHz @156.25MHz
100kHz to 20MHz @156.25MHz
12kHz to 20MHz @156.25MHz
0.28
0.4
1.7
2
psRMS


Similar Part No. - DSC400-4312Q0001KE1T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC400-4312Q0001KE1T MICROCHIP-DSC400-4312Q0001KE1T Datasheet
258Kb / 20P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
06/23/16
More results

Similar Description - DSC400-4312Q0001KE1T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC400 MICROCHIP-DSC400 Datasheet
258Kb / 20P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
06/23/16
DSA400 MICROCHIP-DSA400 Datasheet
889Kb / 20P
   Configurable Four Output, Low Jitter Clock Generator for Automotive
02/28/20
logo
Micrel Semiconductor
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2311KI2-R0045 MICREL-DSC2311KI2-R0045 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2123FI2-E0024 MICROCHIP-DSC2123FI2-E0024 Datasheet
1Mb / 7P
   Crystal-less??Configurable Clock Generator
November 01, 2017 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com