Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB192503ELV1R250XTMA1 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PTFB192503ELV1R250XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB192503ELV1R250XTMA1 Datasheet(HTML) 1 Page - Infineon Technologies AG

  PTFB192503ELV1R250XTMA1 Datasheet HTML 1Page - Infineon Technologies AG PTFB192503ELV1R250XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PTFB192503ELV1R250XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTFB192503ELV1R250XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTFB192503ELV1R250XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTFB192503ELV1R250XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTFB192503ELV1R250XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTFB192503ELV1R250XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTFB192503ELV1R250XTMA1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Data Sheet
1 of 15
Rev. 09.1, 2016-06-13
PTFB192503EL
PTFB192503FL
RF Characteristics
Two-carrier WCDMA Measurements (not subject to production test—verified by design/characterization in Infineon test
fixture)
VDD = 30 V, IDQ = 1.9 A, POUT = 50 W average, ƒ1 = 1980 MHz, ƒ2 = 1990 MHz, 3GPP signal, channel bandwidth = 3.84 MHz,
peak/average = 8:1 dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
19
dB
Drain Efficiency
hD
28
%
Intermodulation Distortion
IMD
–35
dBc
Thermally-Enhanced High Power RF LDMOS FETs
240 W, 1930 – 1990 MHz
Description
The PTFB192503EL and PTFB192503FL are 240-watt LDMOS
FETs intended for use in multi-standard cellular power amplifier
applications in the 1930 to 1990 MHz frequency band. Features
include input and output matching, high gain, wide signal
bandwidth and reduced memory effects for improved DPD
correctability. Manufactured with Infineon's advanced LDMOS
process, these devices provide excellent thermal performance
and superior reliability.
PTFB192503EL
Package H-33288-6
Features
• Broadbandinternalinputandoutputmatching
• EnhancedforuseinDPDerrorcorrectionsystems
• Typicaltwo-carrierWCDMAperformance,30V,
1990 MHz
- Average output power = 50 W
- Linear gain = 19 dB
- Drain efficiency = 28 %
- Intermodulation distortion = –35 dBc
• TypicalCWperformance,1990MHz,30V
- Output power at P1dB = 240 W
- Efficiency = 55%
• Increasednegativegate-sourcevoltagerangefor
improved performance in Doherty peaking
amplifiers
• IntegratedESDprotection.HumanBodyModel,
Class 2 (minimum)
• Capableofhandling10:1VSWR@30V,240W
(CW) output power
• Pb-free,RoHS-compliant
PTFB192503FL
Package H-34288-4/2
0
10
20
30
40
50
15
16
17
18
19
20
33
35
37
39
41
43
45
47
49
Output Power (dBm)
Two-carrier WCDMA 3GPP
VDD = 30 V, IDQ = 1.85 A, ƒ = 1990 MHz
3GPP WCDMA, PAR = 8:1,
10 MHz carrier spacing BW 3.84MHz
Efficiency
Gain


Similar Part No. - PTFB192503ELV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB192503EL INFINEON-PTFB192503EL Datasheet
673Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930-1990 MHz
Rev. 09, 2010-11-09
More results

Similar Description - PTFB192503ELV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFB090901EFA INFINEON-PTFB090901EFA Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFA092201EF INFINEON-PTFA092201EF Datasheet
7Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFB211803EFL INFINEON-PTFB211803EFL Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFB211501EF INFINEON-PTFB211501EF Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com