Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB181702FCV1R0XTMA1 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # PTFB181702FCV1R0XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB181702FCV1R0XTMA1 Datasheet(HTML) 3 Page - Infineon Technologies AG

  PTFB181702FCV1R0XTMA1 Datasheet HTML 1Page - Infineon Technologies AG PTFB181702FCV1R0XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PTFB181702FCV1R0XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTFB181702FCV1R0XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTFB181702FCV1R0XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTFB181702FCV1R0XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTFB181702FCV1R0XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTFB181702FCV1R0XTMA1 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PTFB181702FC
Data Sheet
3 of 8
Rev. 02.1, 2016-06-10
Typical Performance (datatakeninaproductiontestfixture)
-40
-35
-30
-25
-20
-15
-10
-16
-14
-12
-10
-8
-6
-4
1690 1730 1770 1810 1850 1890 1930 1970
Frequency (MHz)
Single-carrier Broadband Performance
VDD = 28 V, IDQ = 1.3 A, POUT = 80 W,
3GPP WCDMA signal, PAR = 10 dB
Return Loss
ACPR
b181702fc-g3
42
43
44
45
46
47
48
15
16
17
18
19
20
21
1690 1730 1770 1810 1850 1890 1930 1970
Frequency (MHz)
Single-carrier Broadband Performance
VDD = 28 V, IDQ = 1.3 A, POUT = 80 W,
3GPP WCDMA signal, PAR = 10 dB
Gain
Efficiency
b181702fc-g2
-80
-70
-60
-50
-40
-30
-20
38
41
43
46
48
51
53
Output Power, PEP (dBm)
Two-tone Intermodulation Distortion
vs. Output Power
VDD = 28 V, IDQ = 1.3 A,
ƒ1 = 1880 MHz, ƒ2 = 1879 MHz
IM3
IM7
IM5
b181702fc-g5
-55
-50
-45
-40
-35
-30
-25
-20
-15
34 36 38 40 42 44 46 48 50 52
Output Power (dBm)
Two-carrier WCDMA Drive-up
VDD = 28 V, IDQ = 1.3 A,
3GPP WCDMA signal, PAR = 8 dB,
10 MHz carrier spacing, BW 3.84 MHz
1880 Lower
1880 Upper
1842.5 Lower
1842.5 Upper
1805 Lower
1805 Upper
b181702fc-g1


Similar Part No. - PTFB181702FCV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB181702FC CREE-PTFB181702FC Datasheet
554Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 1805 ??1880 MHz
More results

Similar Description - PTFB181702FCV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PXAC180602MD INFINEON-PXAC180602MD_15 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com