Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB093608FVV2 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # PTFB093608FVV2
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB093608FVV2 Datasheet(HTML) 3 Page - Infineon Technologies AG

  PTFB093608FVV2 Datasheet HTML 1Page - Infineon Technologies AG PTFB093608FVV2 Datasheet HTML 2Page - Infineon Technologies AG PTFB093608FVV2 Datasheet HTML 3Page - Infineon Technologies AG PTFB093608FVV2 Datasheet HTML 4Page - Infineon Technologies AG PTFB093608FVV2 Datasheet HTML 5Page - Infineon Technologies AG PTFB093608FVV2 Datasheet HTML 6Page - Infineon Technologies AG PTFB093608FVV2 Datasheet HTML 7Page - Infineon Technologies AG PTFB093608FVV2 Datasheet HTML 8Page - Infineon Technologies AG PTFB093608FVV2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PTFB093608FV
Data Sheet
3 of 13
Rev. 04, 2012-07-24
Typical Performance (data taken in a production test fixture)
0
10
20
30
40
50
-70
-60
-50
-40
-30
-20
34
38
42
46
50
54
Output Power Avg. (dBm)
Single-carrier WCDMA 3GPP Drive-up
VDD = 28 V, IDQ = 2.8 A, ƒ = 960 MHz
3GPP WCDMA, PAR = 7.5 dB, BW 3.84 MHz
Efficiency
ACP Low
ACP Up
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
36
38
40
42
44
46
48
50
52
54
Output Power Avg. (dBm)
Single-carrier WCDMA 3GPP Drive-up
VDD = 28 V, IDQ = 2.8 A, ƒ = 960 MHz
3GPP WCDMA, PAR = 7.5 dB, BW 3.84 MHz
ACP Low
PAR @ .01% CCDF
Efficiency
Gain
-30
-20
-10
0
18
19
20
21
860 880 900 920 940 960 980 1000 1020
Frequency (MHz)
Single-carrier WCDMA Broadband
Gain & Return Loss vs. Frequency
VDD = 28 V, IDQ = 2.8 A, POUT = 100 W
Gain
IRL
-40
-35
-30
-25
-20
22
27
32
37
42
860
880
900
920
940
960
980 1000
Frequency (MHz)
Single-carrier WCDMA Broadband
Efficiency & ACPR vs. Frequency
VDD = 28 V, IDQ = 2.8 A, POUT = 100 W
Efficiency
ACPU


Similar Part No. - PTFB093608FVV2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB093608FV CREE-PTFB093608FV Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 360 W, 28 V, 920 ??960 MHz
More results

Similar Description - PTFB093608FVV2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PXAC180602MD INFINEON-PXAC180602MD_15 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com