Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB182557SHV1R250XTMA1 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PTFB182557SHV1R250XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB182557SHV1R250XTMA1 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button PTFB182557SHV1R250XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTFB182557SHV1R250XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTFB182557SHV1R250XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTFB182557SHV1R250XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTFB182557SHV1R250XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTFB182557SHV1R250XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTFB182557SHV1R250XTMA1 Datasheet HTML 9Page - Infineon Technologies AG PTFB182557SHV1R250XTMA1 Datasheet HTML 10Page - Infineon Technologies AG PTFB182557SHV1R250XTMA1 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PTFB182557SH
Confidential, Limited Internal Distribution
Data Sheet – DRAFT ONLY
7 of 11
Rev. 02, 2012-06-25
Reference Circuit (cont.)
Electrical Characteristics at 1880 MHz
Transmission
Electrical
Dimensions: mm
Dimensions: mils
Line
Characteristics
Output
TL201
0.005
λ, 53.60 W
W1 = 1.034, W2 = 1.034, W3 = 0.508
W1 = 41, W2 = 41, W3 = 20
TL202
0.021
λ, 53.60 W
W1 = 1.034, W2 = 1.034, W3 = 2.032
W1 = 41, W2 = 41, W3 = 80
TL203
0.037
λ, 52.90 W
W = 1.057, L = 3.556
W = 42, L = 140
TL204
0.005
λ, 53.60 W
W = 1.034, L = 0.508
W = 41, L = 20
TL205
0.116
λ, 6.67 W
W = 13.970, L = 10.160
W = 550, L = 400
TL206
0.047
λ, 4.99 W
W = 19.050, L = 4.064
W = 750, L = 160
TL207, TL221
0.006
λ, 19.85 W
W = 4.064, L = 0.508
W = 160, L = 20
TL208, TL223
0.176
λ, 19.85 W
W = 4.064, L = 16.104
W = 160, L = 634
TL209, TL222
0.038
λ, 19.85 W
W = 4.064, L = 3.454
W = 160, L = 136
TL210, TL211, TL212, 0.028
λ, 19.85 W
W1 = 4.064, W2 = 4.064, W3 = 2.540
W1 = 160, W2 = 160, W3 = 100
TL213, TL214, TL215,
TL216, TL224, TL225,
TL226
TL217
W1 = 13.970, W2 = 19.050
W1 = 550, W2 = 750
TL218
W1 = 1.034, W2 = 13.970
W1 = 41, W2 = 550
TL219
0.097
λ, 53.52 W
W = 1.036, L = 9.388
W = 41, L = 370
TL220
0.019
λ, 53.52 W
W = 1.036, L = 1.788
W = 41, L = 70


Similar Part No. - PTFB182557SHV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFB182503EL INFINEON-PTFB182503EL Datasheet
721Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1805-1880 MHz
Rev. 06, 2010-11-09
PTFB182503EL INFINEON-PTFB182503EL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFB182503ELV1R0 INFINEON-PTFB182503ELV1R0 Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFB182503ELV1R0XTMA1 INFINEON-PTFB182503ELV1R0XTMA1 Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
More results

Similar Description - PTFB182557SHV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PXAC180602MD INFINEON-PXAC180602MD_15 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com