Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB211503FLV2R0XTMA1 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # PTFB211503FLV2R0XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB211503FLV2R0XTMA1 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button PTFB211503FLV2R0XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTFB211503FLV2R0XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTFB211503FLV2R0XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTFB211503FLV2R0XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTFB211503FLV2R0XTMA1 Datasheet HTML 9Page - Infineon Technologies AG PTFB211503FLV2R0XTMA1 Datasheet HTML 10Page - Infineon Technologies AG PTFB211503FLV2R0XTMA1 Datasheet HTML 11Page - Infineon Technologies AG PTFB211503FLV2R0XTMA1 Datasheet HTML 12Page - Infineon Technologies AG PTFB211503FLV2R0XTMA1 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PTFB211503EL
PTFB211503FL
Data Sheet
9 of 14
Rev. 04.1, 2016-06-14
Reference Circuit (cont.)
Electrical Characteristics at 2170 MHz
Transmission
Electrical
Dimensions: mm
Dimensions: mils
Line
Characteristics
Output
TL201 (taper)
0.074 λ, 5.33 W / 39.51 W
W1 = 17.780, W2 = 1.651, L = 5.613
W1 = 700, W2 = 65, L = 221
TL202 (taper)
0.010 λ, 4.84 W / 5.33 W
W1 = 19.685, W2 = 17.780, L = 0.787
W1 = 775, W2 = 700, L = 31
TL203
W1 = 12.700, W2 = 17.780
W1 = 500, W2 = 700
TL204
W1 = 1.651, W2 = 2.540
W1 = 65, W2 = 100
TL205
W1 = 1.270, W2 = 2.540
W1 = 50, W2 = 100
TL206
0.000 λ, 5.33 W
W = 17.780, L = 0.025
W = 700, L = 1
TL207
0.047 λ, 47.12 W
W = 1.270, L = 3.886
W = 50, L = 153
TL208
0.021 λ, 39.51 W
W = 1.651, L = 1.753
W = 65, L = 69
TL209
0.057 λ, 4.84 W
W = 19.685, L = 4.318
W = 775, L = 170
TL210, TL211
0.016 λ, 28.85 W
W = 2.540, L = 1.270
W = 100, L = 50
TL212
0.035 λ, 39.51 W
W = 1.651, L = 2.896
W = 65, L = 114
TL213
0.032 λ, 16.90 W
W = 4.928, L = 2.540
W = 194, L = 100
TL214
0.032 λ, 17.05 W
W = 4.877, L = 2.540
W = 192, L = 100
TL215, TL231
0.032 λ, 25.04 W
W1 = 3.048, W2 = 3.048, W3 = 2.540
W1 = 120, W2 = 120, W3 = 100
TL216, TL217
0.095 λ, 25.04 W
W = 3.048, L = 7.645
W = 120, L = 301
TL218, TL230
W = 3.048
W = 120
TL219, TL225
0.054 λ, 25.04 W
W1 = 3.048, W2 = 3.048, W3 = 4.318
W1 = 120, W2 = 120, W3 = 170
TL220, TL221
0.029 λ, 25.04 W
W1 = 3.048, W2 = 3.048, W3 = 2.286
W1 = 120, W2 = 120, W3 = 90
TL222, TL224
0.067 λ, 25.04 W
W = 3.048, L = 5.359
W = 120, L = 211
TL223, TL226
0.010 λ, 25.04 W
W = 3.048, L = 0.762
W = 120, L = 30
TL227, TL228
0.029 λ, 25.04 W
W1 = 3.048, W2 = 3.048, W3 = 2.286
W1 = 120, W2 = 120, W3 =90
TL229
0.022 λ, 39.51 W
W1 = 1.651, W2 = 1.651, W3 = 1.778
W1 = 65, W2 = 65, W3 = 70


Similar Part No. - PTFB211503FLV2R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB211503FL INFINEON-PTFB211503FL Datasheet
734Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 04, 2011-03-07
logo
Cree, Inc
PTFB211503FL CREE-PTFB211503FL Datasheet
578Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 2110 ??2170 MHz
More results

Similar Description - PTFB211503FLV2R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFB192503EFL INFINEON-PTFB192503EFL Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFB090901EFA INFINEON-PTFB090901EFA Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFA092201EF INFINEON-PTFA092201EF Datasheet
7Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFB211803EFL INFINEON-PTFB211803EFL Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFB211501EF INFINEON-PTFB211501EF Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com