Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC400-4402Q0001KE1T Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # DSC400-4402Q0001KE1T
Description  Configurable Four Output, Low Jitter Crystal-less??Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC400-4402Q0001KE1T Datasheet(HTML) 5 Page - Micrel Semiconductor

  DSC400-4402Q0001KE1T Datasheet HTML 1Page - Micrel Semiconductor DSC400-4402Q0001KE1T Datasheet HTML 2Page - Micrel Semiconductor DSC400-4402Q0001KE1T Datasheet HTML 3Page - Micrel Semiconductor DSC400-4402Q0001KE1T Datasheet HTML 4Page - Micrel Semiconductor DSC400-4402Q0001KE1T Datasheet HTML 5Page - Micrel Semiconductor DSC400-4402Q0001KE1T Datasheet HTML 6Page - Micrel Semiconductor DSC400-4402Q0001KE1T Datasheet HTML 7Page - Micrel Semiconductor DSC400-4402Q0001KE1T Datasheet HTML 8Page - Micrel Semiconductor DSC400-4402Q0001KE1T Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
______________________________________________________________________________________________________________________________________________
DSC400
Page 5
DSC400 Configurable Four Output, Low Jitter Crystal-less™ Clock Generator
Absolute Maximum Ratings
Item
Min
Max
Unit
Condition
Supply Voltage
-0.3
+4.0
V
Input Voltage
-0.3
VDD+0.3
V
Junction Temp
-
+150
°C
Storage Temp
-55
+150
°C
Soldering Temp
-
+260
°C
40sec max.
ESD
HBM
MM
CDM
-
4000
400
1500
V
Note: 1000+ years of data retention on internal memory
Specifications (Unless specified otherwise: Ta =25° C, VDD = 3.3V)
Notes:
1.
VDD pins should be filtered with a 0.1µF capacitor connected between VDD and VSS.
2.
The addition of IDDcore and IDDio provides total current consumption of the device
3.
tsu is time to 100 ppm stable output frequency after VDD is applied and outputs are enabled.
4.
Output Waveform figures below the parameters. See Output Waveform section
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage1
VDD
2.25
3.6
V
Supply Current – Core2
IDDcore
OE(1:2) = 0
All outputs are disabled
40
44
mA
Frequency Stability
Δf
All temp and VDD ranges
±25
±50
ppm
Aging – first year
ΔfY1
1 year @25°C
±5
ppm
Aging – after first year
ΔfY2+
Year 2 and beyond @25°C
<±1/yr
ppm
Startup Time3
tSU
T=25°C
5
ms
Input Logic Levels
Input logic high
Input logic low
VIH
VIL
0.75xVDD
-
-
0.25xVDD
V
Output Disable Time4
tDA
OE(1:2) transition from 1 to 0
5
ns
Output Enable Time4
tEN
OE(1:2) transition from 0 to 1
20
ns
Pull-Up Resistor
RPU
All input pins have an internal pull-
up
40


Similar Part No. - DSC400-4402Q0001KE1T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC400-4402Q0001KE1T MICROCHIP-DSC400-4402Q0001KE1T Datasheet
258Kb / 20P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
06/23/16
More results

Similar Description - DSC400-4402Q0001KE1T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC400 MICROCHIP-DSC400 Datasheet
258Kb / 20P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
06/23/16
DSA400 MICROCHIP-DSA400 Datasheet
889Kb / 20P
   Configurable Four Output, Low Jitter Clock Generator for Automotive
02/28/20
logo
Micrel Semiconductor
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2311KI2-R0045 MICREL-DSC2311KI2-R0045 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2123FI2-E0024 MICROCHIP-DSC2123FI2-E0024 Datasheet
1Mb / 7P
   Crystal-less??Configurable Clock Generator
November 01, 2017 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com