Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB211803ELV1R0XTMA1 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # PTFB211803ELV1R0XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB211803ELV1R0XTMA1 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button PTFB211803ELV1R0XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTFB211803ELV1R0XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTFB211803ELV1R0XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTFB211803ELV1R0XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTFB211803ELV1R0XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTFB211803ELV1R0XTMA1 Datasheet HTML 9Page - Infineon Technologies AG PTFB211803ELV1R0XTMA1 Datasheet HTML 10Page - Infineon Technologies AG PTFB211803ELV1R0XTMA1 Datasheet HTML 11Page - Infineon Technologies AG PTFB211803ELV1R0XTMA1 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Data Sheet
8 of 14
Rev. 05.1, 2016-06-15
PTFB211803EL
PTFB211803FL
Reference Circuit (cont.)
Description
DUT
PTFB211803EL or PTFB211803FL
PCB
0.508 mm [.020"] thick,
er = 3.66, Rogers 4350, 1 oz. copper
Electrical Characteristics at 2170 MHz
Transmission
Electrical
Dimensions: mm
Dimensions: mils
Line
Characteristics
Input
TL101
0.053 λ, 6.67 W
W = 13.970, L = 4.064
W = 550, L = 160
TL102, TL103
0.019 λ, 54.17 W
W = 1.016, L = 1.575
W = 40, L = 62
TL104, TL105
0.000 λ, 36.77 W
W = 1.829, L = 0.025
W = 72, L = 1
TL106, TL122
0.026 λ, 54.17 W
W = 1.016, L = 2.159
W = 40, L = 85
TL107
0.021 λ, 54.17 W
W = 1.016, L = 1.727
W = 40, L = 68
TL108
0.018 λ, 54.17 W
W = 1.016, L = 1.524
W = 40, L = 60
TL109
0.029 λ, 54.17 W
W = 1.016, L = 2.451
W = 40, L = 97
TL110
0.092 λ, 63.89 W
W = 0.762, L = 7.831
W = 30, L = 308
TL111
0.031 λ, 34.72 W
W = 1.981, L = 2.540
W = 78, L = 100
TL112
W1 = 1.270, W2 = 2.286
W1 = 50, W2 = 90
TL113
W1 = 17.780, W2 = 12.700
W1 = 700, W2 = 500
TL114
0.012 λ, 54.17 W
W1 = 1.016, W2 = 1.270, W3 = 1.016
W1 = 40, W2 = 50, W3 = 40
TL115, TL116, TL126, 0.019 λ, 63.89 W
W1 = 0.762, W2 = 0.762, W3 = 1.600
W1 = 30, W2 = 30, W3 = 63
TL128
TL117, TL118, TL119
W = 1.016
W = 40
TL120
W1 = 13.970, W2 = 1.016, W3 = 13.970
W1 = 550, W2 = 40, W3 = 550
W4 = 1.016
W4 = 40
TL121
0.032 λ, 47.12 W
W = 1.270, L = 2.692
W = 50, L = 106
TL123
0.016 λ, 31.24 W
W = 2.286, L = 1.270
W = 90, L = 50
TL124, TL134
0.095 λ, 54.17 W
W = 1.016, L = 8.001
W = 40, L = 315
TL125, TL127
0.022 λ, 54.17 W
W1 = 1.016, W2 = 1.016, W3 = 1.829
W1 = 40, W2 = 40, W3 = 72
TL129
0.005 λ, 6.67 W
W = 13.970, L = 0.356
W = 550, L = 14
TL130
0.000 λ, 144.35 W
W = 0.025, L = 0.025
W = 1, L = 1
TL131 (taper)
0.008 λ, 6.67 W / 7.64 W
W1 = 13.970, W2 = 12.065, L = 0.584
W1 = 550, W2 = 475, L = 23
TL132
0.134 λ, 47.12
W = 1.270, L = 11.151
W = 50, L = 439
TL133
0.012 λ, 54.17
W = 1.016, L = 1.016
W = 40, L = 40
TL135
0.012 λ, 54.17
W = 1.016, L = 1.021
W = 40, L = 40
TL136
0.000 λ, 7.64
W1 = 12.065, W2 = 12.065, W3 = 0.025
W1 = 475, W2 = 475, W3 = 1
TL137 (taper)
0.032 λ, 7.64 W / 47.12 W
W1 = 12.065, W2 = 1.270, L = 2.464
W1 = 475, W2 = 50, L = 97
table continued on page 9


Similar Part No. - PTFB211803ELV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB211803EL INFINEON-PTFB211803EL Datasheet
477Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 05, 2010-11-10
More results

Similar Description - PTFB211803ELV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFB192503EFL INFINEON-PTFB192503EFL Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFB090901EFA INFINEON-PTFB090901EFA Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFA092201EF INFINEON-PTFA092201EF Datasheet
7Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFB211501EF INFINEON-PTFB211501EF Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com