Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB211501EV1R0 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # PTFB211501EV1R0
Description  Thermally-Enhanced High Power RF LDMOS FETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB211501EV1R0 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button PTFB211501EV1R0 Datasheet HTML 5Page - Infineon Technologies AG PTFB211501EV1R0 Datasheet HTML 6Page - Infineon Technologies AG PTFB211501EV1R0 Datasheet HTML 7Page - Infineon Technologies AG PTFB211501EV1R0 Datasheet HTML 8Page - Infineon Technologies AG PTFB211501EV1R0 Datasheet HTML 9Page - Infineon Technologies AG PTFB211501EV1R0 Datasheet HTML 10Page - Infineon Technologies AG PTFB211501EV1R0 Datasheet HTML 11Page - Infineon Technologies AG PTFB211501EV1R0 Datasheet HTML 12Page - Infineon Technologies AG PTFB211501EV1R0 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PTFB211501E
PTFB211501F
Data Sheet
10 of 13
Rev. 03.1, 2016-06-14
Reference Circuit (cont.)
Electrical Characteristics at 2170 MHz
Transmission
Electrical
Dimensions: mm
Dimensions: mils
Line
Characteristics
Output
TL201
0.027
λ, 43.96 Ω
W1 = 1.778, W2 = 1.778, W3 = 2.032
W1 = 70, W2 = 70, W3 = 80
TL202 (taper)
0.016
λ, 4.88 Ω / 5.86 Ω
W1 = 25.654, W2 = 21.107, L = 1.041
W1 = 1010, W2 = 831, L = 41
TL203 (taper)
0.058
λ, 5.86 Ω / 32.33 Ω
W1 = 21.107, W2 = 2.794, L = 3.937
W1 = 831, W2 = 110, L = 155
TL204 (taper)
0.017
λ, 32.33 Ω / 43.96 Ω
W1 = 2.794, W2 = 1.778, L = 1.270
W1 = 110, W2 = 70, L = 50
TL205
W1 = 1.778, W2 = 2.540
W1 = 70, W2 = 100
TL206
W1 = 2.540, W2 = 1.397
W1 = 100, W2 = 55
TL207
0.000
λ, 4.88 Ω
W = 25.654, L = 0.025
W = 1010, L = 1
TL208, TL209
0.089
λ, 53.88 Ω
W = 1.270, L = 6.731
W = 50, L = 265
TL210
0.028
λ, 4.88 Ω
W = 25.654, L = 1.905
W = 1010, L = 75
TL211, TL217, TL218
0.000
λ, 40.30 Ω
W = 2.032, L = 0.025
W = 80, L = 1
TL212
0.089
λ, 43.96 Ω
W = 1.778, L = 6.604
W = 70, L = 260
TL213, TL214
0.017
λ, 34.60 Ω
W = 2.540, L = 1.270
W = 100, L = 50
TL215
0.378
λ, 50.98 Ω
W = 1.397, L = 28.423
W = 55, L = 1119
TL216
W1 = 25.654, W2 = 1.270, W3 = 25.654,
W1 = 1010, W2 = 50, W3 = 1010,
W4 = 1.270
W4 = 50
TL219, TL221
0.062
λ, 53.88 Ω
W = 1.270, L = 4.699
W = 50, L = 185
TL220, TL242
0.065
λ, 30.35 Ω
W = 3.048, L = 4.699
W = 120, L = 185
TL222, TL223
0.209
λ, 53.88 Ω
W = 1.270, L = 15.748
W = 50, L = 620
TL224, TL225
W = 1.270
W = 50
TL226, TL235
W1 = 3.048, W2 = 9.144
W1 = 120, W2 = 360
TL227, TL228
0.073
λ, 12.48 Ω
W1 = 9.144, W2 = 9.144, W3 = 5.080
W1 = 360, W2 = 360, W3 = 200
TL229, TL231
0.044
λ, 12.48 Ω
W1 = 9.144, W2 = 9.144, W3 = 3.048
W1 = 360, W2 = 360, W3 = 120
TL230, TL232
0.037
λ, 12.48 Ω
W1 = 9.144, W2 = 9.144, W3 = 2.540
W1 = 360, W2 = 360, W3 = 100
TL233, TL234
0.027
λ, 53.88 Ω
W1 = 1.270, W2 = 1.270, W3 = 2.032
W1 = 50, W2 = 50, W3 = 80
TL236, TL237
W1 = 1.270, W2 = 3.048,
W1 = 50, W2 = 120
TL238, TL239,
0.002
λ, 12.48 Ω
W = 9.144, L = 0.127
W = 360, L = 5
TL240, TL241


Similar Part No. - PTFB211501EV1R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB211501E INFINEON-PTFB211501E Datasheet
362Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 02, 2009-11-19
More results

Similar Description - PTFB211501EV1R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFB192503EFL INFINEON-PTFB192503EFL Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFB090901EFA INFINEON-PTFB090901EFA Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFA092201EF INFINEON-PTFA092201EF Datasheet
7Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFB211803EFL INFINEON-PTFB211803EFL Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com