Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB210801FAV1R250 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PTFB210801FAV1R250
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB210801FAV1R250 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button PTFB210801FAV1R250 Datasheet HTML 3Page - Infineon Technologies AG PTFB210801FAV1R250 Datasheet HTML 4Page - Infineon Technologies AG PTFB210801FAV1R250 Datasheet HTML 5Page - Infineon Technologies AG PTFB210801FAV1R250 Datasheet HTML 6Page - Infineon Technologies AG PTFB210801FAV1R250 Datasheet HTML 7Page - Infineon Technologies AG PTFB210801FAV1R250 Datasheet HTML 8Page - Infineon Technologies AG PTFB210801FAV1R250 Datasheet HTML 9Page - Infineon Technologies AG PTFB210801FAV1R250 Datasheet HTML 10Page - Infineon Technologies AG PTFB210801FAV1R250 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PTFB210801FA
Data Sheet
7 of 11
Rev. 01.1, 2016-06-14
Reference Circuit (cont.)
Electrical Characteristics at 2170 MHz
Transmission
Electrical
Dimensions: mm
Dimensions: mils
Line
Characteristics
Output
TL201, TL203
0.009 λ, 47.12 W
W = 1.270, L = 0.762
W = 50, L = 30
TL202, TL204
0.064 λ, 47.12 W
W = 1.270, L = 5.334
W = 50, L = 210
TL205, TL206
W1 = 1.905, W2 = 2.540, W3 = 1.905
W1 = 75, W2 = 100, W3 = 75,
W4 = 2.540
W4 = 100
TL207
W1 = 9.398, W2 = 1.270, W3 = 9.398
W1 = 370, W2 = 50, W3 = 370,
W4 = 1.270
W4 = 50
TL208, TL209
W = 1.270
W = 50
TL210
W1 = 0.002, W2 = 0.005, Offset = 0.001
W1 = 2, W2 = 184, Offset = 55
TL211, TL225
0.172 λ, 17.67 W
W = 4.674, L = 13.564
W = 184, L = 534
TL212
0.011 λ, 53.93 W
W1 = 1.024, W2 = 1.024, W3 = 0.889
W1 = 40, W2 = 40, W3 = 35
TL213
W1 = 9.398, W2 = 0.889, W3 = 9.398
W1 = 370, W2 = 35, W3 = 370,
W4 = 0.889
W4 = 35
TL214
0.016 λ, 9.59 W
W = 9.398, L = 1.219
W = 370, L = 48
TL215
0.032 λ, 53.93 W
W = 1.024, L = 2.713
W = 40, L = 107
TL216
0.185 λ, 53.93 W
W = 1.024, L = 15.491
W = 40, L = 610
TL217, TL228
0.002 λ, 35.71 W
W1 = 1.905, W2 = 1.905, W3 = 0.127
W1 = 75, W2 = 75, W3 = 5
TL218
W1 = 9.398, W2 = 9.398
W1 = 370, W2 = 370
TL219
W1 = 1.024, W2 = 9.398
W1 = 40, W2 = 370
TL220, TL227
0.068 λ, 35.71 W
W = 1.905, L = 5.588
W = 75, L = 220
TL221, TL222
0.016 λ, 35.71 W
W1 = 1.905, W2 = 1.905, W3 = 1.270
W1 = 75, W2 = 75, W3 = 50
TL223
0.012 λ, 53.93 W
W = 1.024, L = 0.991
W = 40, L = 39
TL224
0.011 λ, 9.59 W
W = 9.398, L = 0.813
W = 370, L = 32
TL226
W1 = 0.002, W2 = 0.005, Offset = –0.001
W1 = 2, W2 = 184, Offset = –55


Similar Part No. - PTFB210801FAV1R250

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB210801FA CREE-PTFB210801FA Datasheet
636Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 80 W, 28 V, 2110 ??2170 MHz
More results

Similar Description - PTFB210801FAV1R250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PXAC180602MD INFINEON-PXAC180602MD_15 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com