Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAK-XC2234L-20F66LAA Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SAK-XC2234L-20F66LAA
Description  16/32 bit 關C for Automotive Body Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAK-XC2234L-20F66LAA Datasheet(HTML) 1 Page - Infineon Technologies AG

  SAK-XC2234L-20F66LAA Datasheet HTML 1Page - Infineon Technologies AG SAK-XC2234L-20F66LAA Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The XC2200L series, with the XC223xL (LQFP-64) and XC222xL (VQFN-48) deri-
vatives, further enlarges the XC2200 microcontroller family in the low-end.
 
With a maximum memory size of 160kB Flash and up to 12kB RAM, the micro-
controllers of this series are well suited for low-end cost-sensitive body applica-
tions.
 
Targeted Automotive Body Applications
 
„
Low-end BCM
„
Low-end HVAC
„
Low-end Door
„
Roof module
„
Seat module
 
 
 
Highlights:
 
„
High performance 16-/32-bit C166SV2 CPU with 5-stage pipeline
„
Up to 60 MIPS peak performance @ 66MHz CPU clock
„
64KB to 160kB Flash with EEPROM emulation
„
Single voltage supply (core supply over embedded voltage regulator)
„
On-chip window watchdog
„
High speed 12-bit ADC with upto 19 channles
„
Small packages for space critical application/saving of PCB space
„
Low power consumption
„
DAP - Device Access Port (2 wire JTAG, replaces 5 wire JTAG)
www.infineon.com/XC2000
Features:
XC2200L - Series
16/32 bit µC for Automotive Body Applications
„
High-performance CPU with five-stage
pipeline and MPU
„
16 priority levels providing 96 inter-
rupt nodes
„
64 to 160kB Flash (incl. up to 32kB
data Flash for EEPROM emulation), up
to 12kB SRAM
„
Memory content protection through
Error Correction Code (ECC)
„
12bit AD-converter with upto
19-channels, optional data prepro-
cessing (data reduction, range check),
open wire detection, conversion time
~0.675µs
„
One 16-channel general purpose
capture/compare units (CCU2)
„
Up to two capture/compare units
(CCU6) for flexible PWM signal gene-
ration for any kind of motor control
„
Multi-functional general purpose
timer unit with 5 timers
„
4 serial flexible interface chan-
nels (UART, LIN, SPI, I2C, I2S)
„
On-chip CAN interface (Rev. 2.0B ac-
tive), upto 2 nodes with 32 message
objects
„
On-chip system timer and on-chip real
time clock
„
Programmable watchdog timer and
oscillator watchdog
„
On-chip window watch dog  with clock
source separate from fsys
„
Up to 49 general purpose I/O lines
with flexible pin assignment
„
On-chip bootstrap loader
„
On-chip debug support via Device
Access Port (DAP) or JTAG interface
„
Single voltage supply of 3.3 to 5V64-
pin green LQFP, 48 pin green VQFN pa-
ckage for space critical applications
„
Temperature range: -40 to +125°C
„
Supported by a large range of deve-
lopment tools
„
Free of charge low level driver CAN,
LIN, UART(USIC)
Product Brief


Similar Part No. - SAK-XC2234L-20F66LAA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAK-XC2210U-4F40R INFINEON-SAK-XC2210U-4F40R Datasheet
217Kb / 2P
   XC2200U - Series 16/32-bit µC for Automotive Body Applications
05 / 2011
SAK-XC2210U-8F40R INFINEON-SAK-XC2210U-8F40R Datasheet
217Kb / 2P
   XC2200U - Series 16/32-bit µC for Automotive Body Applications
05 / 2011
SAK-XC2220U-4F40V INFINEON-SAK-XC2220U-4F40V Datasheet
217Kb / 2P
   XC2200U - Series 16/32-bit µC for Automotive Body Applications
05 / 2011
SAK-XC2220U-8F40V INFINEON-SAK-XC2220U-8F40V Datasheet
217Kb / 2P
   XC2200U - Series 16/32-bit µC for Automotive Body Applications
05 / 2011
SAK-XC2264-56F66L INFINEON-SAK-XC2264-56F66L Datasheet
2Mb / 101P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Feb. 2007
More results

Similar Description - SAK-XC2234L-20F66LAA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2200U INFINEON-XC2200U Datasheet
217Kb / 2P
   XC2200U - Series 16/32-bit µC for Automotive Body Applications
05 / 2011
logo
STMicroelectronics
ST10F168SQ6 STMICROELECTRONICS-ST10F168SQ6 Datasheet
806Kb / 4P
   16-bit microcontrollers for automotive applications
SPC56EC74L7 STMICROELECTRONICS-SPC56EC74L7 Datasheet
1Mb / 118P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
December 2011 Rev 4
SPC560D40L1 STMICROELECTRONICS-SPC560D40L1 Datasheet
763Kb / 82P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
SPC560D30L3 STMICROELECTRONICS-SPC560D30L3 Datasheet
686Kb / 90P
   32-bit MCU family built on the Power Architecture for automotive body electronics applications
SPC560B64L5 STMICROELECTRONICS-SPC560B64L5 Datasheet
1,011Kb / 134P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
SPC564B74L7 STMICROELECTRONICS-SPC564B74L7 Datasheet
1Mb / 118P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
   32-bit Power Architecture microcontroller for automotive ASILD applications
February 2020 DS10601 Rev 6
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
   32-bit Power Architecture based MCU for automotive applications
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
   32-bit Power Architecture microcontroller for automotive ASIL-D applications
July 2019 DS11758 Rev 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com