Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB211803ELV1R250 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # PTFB211803ELV1R250
Description  Thermally-Enhanced High Power RF LDMOS FETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB211803ELV1R250 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button PTFB211803ELV1R250 Datasheet HTML 2Page - Infineon Technologies AG PTFB211803ELV1R250 Datasheet HTML 3Page - Infineon Technologies AG PTFB211803ELV1R250 Datasheet HTML 4Page - Infineon Technologies AG PTFB211803ELV1R250 Datasheet HTML 5Page - Infineon Technologies AG PTFB211803ELV1R250 Datasheet HTML 6Page - Infineon Technologies AG PTFB211803ELV1R250 Datasheet HTML 7Page - Infineon Technologies AG PTFB211803ELV1R250 Datasheet HTML 8Page - Infineon Technologies AG PTFB211803ELV1R250 Datasheet HTML 9Page - Infineon Technologies AG PTFB211803ELV1R250 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet
6 of 14
Rev. 05.1, 2016-06-15
PTFB211803EL
PTFB211803FL
0.1
0.3
0.2
0.4
nalized to 50 Ohms
1803efl Mar. 22, 2010 7:12:29 PM
Z Source
Z Load
fb211803efl-v1
2080 MHz
2080 MHz
MHz
2200 MHz
Z0 = 50 W
Z Source
Z Load
G
S
D
Broadband Circuit Impedance
Frequency
Z Source W
Z Load W
MHz
R
jX
R
jX
2200
2.02
–6.03
1.70
–4.67
2170
2.12
–6.26
1.72
–4.76
2140
2.23
–6.50
1.73
–4.85
2110
2.34
–6.75
1.75
–4.95
2080
2.47
–7.01
1.77
–5.05
See next page for reference circuit information


Similar Part No. - PTFB211803ELV1R250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB211803EL INFINEON-PTFB211803EL Datasheet
477Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 05, 2010-11-10
More results

Similar Description - PTFB211803ELV1R250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFB192503EFL INFINEON-PTFB192503EFL Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFB090901EFA INFINEON-PTFB090901EFA Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFA092201EF INFINEON-PTFA092201EF Datasheet
7Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFB211501EF INFINEON-PTFB211501EF Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com