Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDR4073M2S6 Datasheet(PDF) 2 Page - Shoulder Electronics Limited.

Part # HDR4073M2S6
Description  This specification shall cover the characteristics of 1-port SAW resonator with R407.3M2 used for remote-control security.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDR4073M2S6 Datasheet(HTML) 2 Page - Shoulder Electronics Limited.

  HDR4073M2S6 Datasheet HTML 1Page - Shoulder Electronics Limited. HDR4073M2S6 Datasheet HTML 2Page - Shoulder Electronics Limited. HDR4073M2S6 Datasheet HTML 3Page - Shoulder Electronics Limited. HDR4073M2S6 Datasheet HTML 4Page - Shoulder Electronics Limited. HDR4073M2S6 Datasheet HTML 5Page - Shoulder Electronics Limited. HDR4073M2S6 Datasheet HTML 6Page - Shoulder Electronics Limited. HDR4073M2S6 Datasheet HTML 7Page - Shoulder Electronics Limited. HDR4073M2S6 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SAW RESONATOR
HDR407.3M2 SMD-6
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 2 of 8
更改历史记录
History Record
更改日期
Date
规格书编号
Spec. No.
产品型号
Part No.
客户产品型号
Customer No.
更改内容描述
Modify Content
备注
Remark


Similar Part No. - HDR4073M2S6

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HDR40 MSYSTEM-HDR40 Datasheet
90Kb / 1P
   SPECIAL CABLE
HDR40-05 MSYSTEM-HDR40-05 Datasheet
90Kb / 1P
   SPECIAL CABLE
HDR40-20 MSYSTEM-HDR40-20 Datasheet
90Kb / 1P
   SPECIAL CABLE
More results

Similar Description - HDR4073M2S6

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDR300MF11D SHOULDER-HDR300MF11D Datasheet
104Kb / 5P
   This specification shall cover the characteristics of 1-port SAW resonator with used for remote-control security.
HDR447625MS20 SHOULDER-HDR447625MS20 Datasheet
112Kb / 6P
   This specification shall cover the characteristics of 1-port SAW resonator with used for remote-control security.
HDR418MS20 SHOULDER-HDR418MS20 Datasheet
115Kb / 6P
   This specification shall cover the characteristics of 1-port SAW resonator with used for remote-control security.
logo
Shenzhen Luguang Electr...
LGE433M LUGUANG-LGE433M Datasheet
108Kb / 4P
   This specification shall cover the characteristics of 1-port SAW resonator with 433.92M used for remote-control security.
logo
Shoulder Electronics Li...
HDR260MS3 SHOULDER-HDR260MS3 Datasheet
163Kb / 7P
   This specification shall cover the characteristics of 1-port SAW resonator with 260M used for remote-control security.
HDR915MS6 SHOULDER-HDR915MS6 Datasheet
172Kb / 8P
   This specification shall cover the characteristics of 1-port SAW resonator with 915MHz used for remote-control security
HDR86835MS6 SHOULDER-HDR86835MS6 Datasheet
172Kb / 7P
   This specification shall cover the characteristics of 1-port SAW resonator with 868.35M used for remote-control security.
HDR292MF11 SHOULDER-HDR292MF11 Datasheet
106Kb / 5P
   This specification shall cover the characteristics of 1-port SAW resonator with 292M used for remote-control security.
HDR433MS4 SHOULDER-HDR433MS4 Datasheet
152Kb / 8P
   This specification shall cover the characteristics of 1-port SAW resonator with 433.92M used for remote-control security.
HDR43572M2S6 SHOULDER-HDR43572M2S6 Datasheet
208Kb / 8P
   This specification shall cover the characteristics of 1-port SAW resonator with R435.72M2 used for remote-control security.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com