Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC400-1241Q0001KE1T Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # DSC400-1241Q0001KE1T
Description  Configurable Four Output, Low Jitter Crystal-less??Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC400-1241Q0001KE1T Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button DSC400-1241Q0001KE1T Datasheet HTML 4Page - Micrel Semiconductor DSC400-1241Q0001KE1T Datasheet HTML 5Page - Micrel Semiconductor DSC400-1241Q0001KE1T Datasheet HTML 6Page - Micrel Semiconductor DSC400-1241Q0001KE1T Datasheet HTML 7Page - Micrel Semiconductor DSC400-1241Q0001KE1T Datasheet HTML 8Page - Micrel Semiconductor DSC400-1241Q0001KE1T Datasheet HTML 9Page - Micrel Semiconductor DSC400-1241Q0001KE1T Datasheet HTML 10Page - Micrel Semiconductor DSC400-1241Q0001KE1T Datasheet HTML 11Page - Micrel Semiconductor DSC400-1241Q0001KE1T Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
______________________________________________________________________________________________________________________________________________
DSC400
Page 8
DSC400 Configurable Four Output, Low Jitter Crystal-less™ Clock Generator
HCSL: Typical Termination Scheme
RS is a series resistor implemented to match the trace impedance. Depending on the board
layout, the value may range from 0 to 30Ω
HCSL Outputs
Output Logic Levels
Output logic high
Output logic low
VOH
VOL
RL=50Ω
0.725
-
-
0.1
V
Pk to Pk Output Swing
Single-Ended
750
mV
Output Transition time3
Rise Time
Fall Time
tR
tF
20% to 80%
RL=50Ω, CL= 2pF
200
400
ps
Frequency
f0
Single Frequency
2.3
460
MHz
Output Duty Cycle
SYM
Differential
48
52
%
Supply Current – IO2
IDDio
Per output at 125MHz
20
22
mA
Period Jitter
JPER
2.5
psRMS
Integrated Phase Noise
JPH
200kHz to 20MHz @156.25MHz
100kHz to 20MHz @156.25MHz
12kHz to 20MHz @156.25MHz
0.25
0.37
1.7
2
psRMS


Similar Part No. - DSC400-1241Q0001KE1T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC400-1241Q0001KE1T MICROCHIP-DSC400-1241Q0001KE1T Datasheet
258Kb / 20P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
06/23/16
More results

Similar Description - DSC400-1241Q0001KE1T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC400 MICROCHIP-DSC400 Datasheet
258Kb / 20P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
06/23/16
DSA400 MICROCHIP-DSA400 Datasheet
889Kb / 20P
   Configurable Four Output, Low Jitter Clock Generator for Automotive
02/28/20
logo
Micrel Semiconductor
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2311KI2-R0045 MICREL-DSC2311KI2-R0045 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2123FI2-E0024 MICROCHIP-DSC2123FI2-E0024 Datasheet
1Mb / 7P
   Crystal-less??Configurable Clock Generator
November 01, 2017 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com