Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1550TG-G Datasheet(PDF) 3 Page - Supertex, Inc

Part # TC1550TG-G
Description  N- and P-Channel Enhancement-Mode Dual MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC1550TG-G Datasheet(HTML) 3 Page - Supertex, Inc

  TC1550TG-G Datasheet HTML 1Page - Supertex, Inc TC1550TG-G Datasheet HTML 2Page - Supertex, Inc TC1550TG-G Datasheet HTML 3Page - Supertex, Inc TC1550TG-G Datasheet HTML 4Page - Supertex, Inc TC1550TG-G Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
TC1550
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
P-Channel Switching Waveforms and Test Circuit
RGEN
Input
Pulse
Generator
VDD
RL
D.U.T.
OUTPUT
0V
-10V
0V
VDD
td(OFF)
Input
Output
tr
tf
td(ON)
t(ON
)
t(OFF)
90%
10%
90%
10%
10%
90%
Sym
Parameter
Min
Typ
Max
Units
Conditions
BV
DSS
Drain-to-source breakdown voltage
-500
-
-
V
V
GS = 0V, ID = -1.0mA
V
GS(th)
Gate threshold voltage
-2.0
-
-4.5
V
V
GS = VDS, ID = -1.0mA
ΔV
GS(th)
Change in V
GS(th) with temperature
-
3.5
6.0
mV/OC
V
GS = VDS, ID = -1.0mA
I
GSS
Gate body leakage current
-
-
100
nA
V
GS = ±20V, VDS = 0V
I
DSS
Zero gate voltage drain current
-
-
-10
µA
V
GS = 0V, VDS = Max Rating
-
-
-1.0
mA
V
DS = 0.8 Max Rating,
V
GS = 0V, TA = 125°C
I
D(ON)
On-state drain current
-
-90
-
mA
V
GS = -5.0V, VDS = -25V
-100
-240
-
V
GS = -10V, VDS = -25V
R
DS(ON)
Static drain-to-source
on-state resistance
-
85
-
Ω
V
GS = -5.0V, ID = -5.0mA
-
80
125
V
GS = -10V, ID = -10mA
ΔR
DS(ON)
Change in R
DS(ON) with temperature
-
0.85
-
%/OC
V
GS = -10V, ID = -10mA
G
FS
Forward transconductance
25
40
-
mmho
V
DS = -25V, ID = -10mA
C
ISS
Input capacitance
-
40
70
pF
V
GS = 0V,
V
DS = -25V,
f = 1.0MHz
C
OSS
Common source output capacitance
-
10
20
C
RSS
Reverse transfer capacitance
-
3.0
10
t
d(ON)
Turn-on delay time
-
5.0
10
ns
V
DD = -25V,
I
D = -100mA,
R
GEN = 25Ω
t
r
Rise time
-
8.0
10
t
d(OFF)
Turn-off delay time
-
8.0
15
t
f
Fall time
-
5.0
16
V
SD
Diode forward voltage drop
-
-0.8
-1.5
V
V
GS = 0V, ISD = -100mA
t
rr
Reverse recovery time
-
200
-
ns
V
GS = 0V, ISD = -100mA
P-Channel Electrical Characteristics (T
A = 25°C unless otherwise specified)
Notes:
All DC parameters 100% tested at 25°C unless otherwise stated. (Pulsed test: 300µs pulse at 2% duty cycle.)
All AC parameters sample tested.
1.
2.


Similar Part No. - TC1550TG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TC1550TG-G SUTEX-TC1550TG-G Datasheet
385Kb / 5P
   N- and P-Channel Enhancement-Mode Dual MOSFET
More results

Similar Description - TC1550TG-G

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4542K ANPEC-APM4542K Datasheet
153Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4548K ANPEC-APM4548K Datasheet
250Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542 ANPEC-APM4542 Datasheet
270Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9928 ANPEC-APM9928 Datasheet
292Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4532 ANPEC-APM4532 Datasheet
205Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Sinopower Semiconductor...
SM8403CSQ SINOPWER-SM8403CSQ Datasheet
279Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM3040CSU4 SINOPWER-SM3040CSU4 Datasheet
218Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM7309CSKP SINOPWER-SM7309CSKP Datasheet
326Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM1A40CSQ SINOPWER-SM1A40CSQ Datasheet
275Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Supertex, Inc
TC2320 SUTEX-TC2320_07 Datasheet
485Kb / 4P
   N- and P-Channel Enhancement-Mode Dual MOSFET
logo
Sinopower Semiconductor...
SM1A40CSK SINOPWER-SM1A40CSK Datasheet
219Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com