Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT18 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HT18
Description  Electronic Telephone Line Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HT18 Datasheet(HTML) 4 Page - Supertex, Inc

  HT18_14 Datasheet HTML 1Page - Supertex, Inc HT18_14 Datasheet HTML 2Page - Supertex, Inc HT18_14 Datasheet HTML 3Page - Supertex, Inc HT18_14 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2014 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
4
HT18
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-HT18
B031414
8-Lead SOIC (Narrow Body) Package Outline (LG)
4.90x3.90mm body, 1.75mm height (max), 1.27mm pitch
1
8
Seating
Plane
Gauge
Plane
L
L1
L2
E
E1
D
e
b
A A2
A1
Seating
Plane
A
A
Top View
Side View
View B
View B
θ1
θ
Note 1
(Index Area
D/2 x E1/2)
View A-A
h
h
Note 1
Symbol
A
A1
A2
b
D
E
E1
e
h
L
L1
L2
θ
θ1
Dimension
(mm)
MIN 1.35* 0.10 1.25 0.31 4.80* 5.80* 3.80*
1.27
BSC
0.25 0.40
1.04
REF
0.25
BSC
0O
5O
NOM
-
-
-
-
4.90 6.00 3.90
-
-
-
-
MAX 1.75 0.25 1.65* 0.51 5.00* 6.20* 4.00*
0.50 1.27
8O
15O
JEDEC Registration MS-012, Variation AA, Issue E, Sept. 2005.
* This dimension is not specified in the JEDEC drawing.
Drawings are not to scale.
Supertex Doc. #: DSPD-8SOLGTG, Version I041309.
Note:
1.
This chamfer feature is optional. A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier;
an embedded metal marker; or a printed indicator.


Similar Part No. - HT18_14

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
HT18G100A100CG WALSIN-HT18G100A100CG Datasheet
3Mb / 11P
   Halogen Free & RoHS Compliance
HT18G100A100CT WALSIN-HT18G100A100CT Datasheet
3Mb / 11P
   Halogen Free & RoHS Compliance
HT18G100A101CG WALSIN-HT18G100A101CG Datasheet
3Mb / 11P
   Halogen Free & RoHS Compliance
HT18G100A101CT WALSIN-HT18G100A101CT Datasheet
3Mb / 11P
   Halogen Free & RoHS Compliance
HT18G100A160CG WALSIN-HT18G100A160CG Datasheet
3Mb / 11P
   Halogen Free & RoHS Compliance
More results

Similar Description - HT18_14

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT19 SUTEX-HT19_14 Datasheet
444Kb / 4P
   Electronic Telephone Line Switch
HT18 SUTEX-HT18_07 Datasheet
369Kb / 4P
   Electronic Telephone Line Switch
HT18 SUTEX-HT18 Datasheet
76Kb / 3P
   Electronic Telephone Line Switch
HT0638 SUTEX-HT0638 Datasheet
50Kb / 4P
   Electronic Line Switch
logo
Motorola, Inc
MC34010 MOTOROLA-MC34010 Datasheet
1Mb / 24P
   ELECTRONIC TELEPHONE CIRCUIT
MC34011 MOTOROLA-MC34011 Datasheet
1,011Kb / 21P
   ELECTRONIC TELEPHONE CIRCUIT
logo
Micro Linear Corporatio...
ML2020 MICRO-LINEAR-ML2020 Datasheet
616Kb / 12P
   TELEPHONE LINE EQUALIZER
logo
STMicroelectronics
STELPD01 STMICROELECTRONICS-STELPD01 Datasheet
1Mb / 27P
   Electronic load switch for power line
January 2022 Rev 1
logo
Fairchild Semiconductor
ML2021 FAIRCHILD-ML2021 Datasheet
93Kb / 11P
   Telephone Line Equalizer
logo
Micro Linear Corporatio...
ML2021 MICRO-LINEAR-ML2021 Datasheet
613Kb / 12P
   TELEPHONE LINE EQUALIZER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com