Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HDF115A5D Datasheet(PDF) 7 Page - Shoulder Electronics Limited.

Part No. HDF115A5D
Description  SHOULDER’s SAW filter series have broad line up products meeting all broadcast standard including NTSC,PAL and SECAM systems.
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHOULDER [Shoulder Electronics Limited.]
Homepage  http://www.shoulder.cn/
Logo 

HDF115A5D Datasheet(HTML) 7 Page - Shoulder Electronics Limited.

   
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SAW FILTER
HD BF115A
SIP5D
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 7 of 7
3.4 Mechanical Test
Items
Conditions
Specifications
Vibration
600-3300rpm amplitude 1.5mm
3 directions 2 H each
Drop
On maple plate from 1 m high 3 times
Lead pull
Pull with 1 kg force for 30 seconds
Lead bend
90
o bending with 500g weigh 2 times
There shall be no
damage.
3.5 Voltage Discharge Test
Item
Condition
Specifications
Surge
Between any two electrode
There shall be no
damage
3.6 Frequency response


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn