Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HDBF14015A64 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part No. HDBF14015A64
Description  This specification shall cover the characteristics of SAW filter with HDBF14015A63 used for the page system.
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHOULDER [Shoulder Electronics Limited.]
Homepage  http://www.shoulder.cn/
Logo 

HDBF14015A64 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SAW FILTER
HDBF14015A63
SF6-3
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 6
2.3Typical Frequency Response
3. TEST
CIRCUIT
Input : L1 = 27 nH , C1 = 27 pF
Output : L2 = 15 nH , C2 =9 nH
* Component values may change depending on board layout.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn