Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HDBF14015A64 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part No. HDBF14015A64
Description  This specification shall cover the characteristics of SAW filter with HDBF14015A63 used for the page system.
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHOULDER [Shoulder Electronics Limited.]
Homepage  http://www.shoulder.cn/
Logo 

HDBF14015A64 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SAW FILTER
HDBF14015A63
SF6-3
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 6
1. SCOPE
This specification shall cover the characteristics of SAW filter with HDBF14015A63 used for
the page system.
2. ELECTRICAL SPECIFICATION
Maximum Input Power
+10dBm
DC voltage
10V
Storage Temperature Range
-45℃ to +85℃
Operation Temperature Range
-40℃ to +85℃
2.2Electronic Characteristics
Parameter
Min.
Typical.
Max.
Unit
Center Frequency
139.8
140
140.2
MHz
Insertion loss
29
30
dB
Passband ripple(-1 dB)
0.9
1
dB
-1dB Bandwidth
15.5
15.7
MHz
-3dB Bandwidth
15.8
16
MHz
-40dB Bandwidth
17.8
19
MHz
Rejection:
25MHz—120MHz
120.5MHz—128.5MHz
151.5MHz—157.5MHz
158MHz—300MHz
50
40
40
50
55
45
45
55
dB
Absolute Delay
2.2
3
usec
Group Delay Variation
100
150
nsec
Temperature Coefficient
-87
ppm/°C
Package Size
SF6-3


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn