Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDBF14000B24 Datasheet(PDF) 5 Page - Shoulder Electronics Limited.

Part # HDBF14000B24
Description  This specification shall cover the characteristics of SAW filter BF14000B24
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDBF14000B24 Datasheet(HTML) 5 Page - Shoulder Electronics Limited.

  HDBF14000B24 Datasheet HTML 1Page - Shoulder Electronics Limited. HDBF14000B24 Datasheet HTML 2Page - Shoulder Electronics Limited. HDBF14000B24 Datasheet HTML 3Page - Shoulder Electronics Limited. HDBF14000B24 Datasheet HTML 4Page - Shoulder Electronics Limited. HDBF14000B24 Datasheet HTML 5Page - Shoulder Electronics Limited. HDBF14000B24 Datasheet HTML 6Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SAW FILTER
HDBF14000B24
SMD-24
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 5 of 6
for 24 hours prior to the measurement. It shall meet the specifications in table 1.
5-4 Resistance to solder heat
Dip the device terminals no closer than 1.5mm into the solder bath at 260℃ ±10℃ for
10±1 sec. Then release the device into the room conditions for 4 hours. The device shall
meet the specifications in table 1.
5-5 Solderability
Subject the device terminals into the solder bath at 245℃ ±5℃ for 5s, More than 95%
area of the terminals must be covered with new solder. It shall meet the specifications in
table 1.
5-6 Mechanical shock
Drop the device randomly onto the concrete floor from the height of 1m 3 times. the device
shall fulfill the specifications in table 1.
5-7 Vibration
Subject the device to the vibration for 1 hour each in x,y and z axes with the amplitude of
1.5 mm at 10 to 55 Hz. The device shall fulfill the specifications in table 1.
5-8 Lead fatigue
5-8-1 Pulling test
Weight along with the direction of lead without an shock 1kg. The device shall satisfy all the
initial Characteristics.
5-8-2 Bending test
Lead shall be subject to withstand against 90℃ bending with 450g weight in the direction
of thickness. This operation shall be done toward both direction. The device shall show no
evidence of damage and shall satisfy all the initial electrical characteristics.
Typical frequency response


Similar Part No. - HDBF14000B24

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDBF14000A61 SHOULDER-HDBF14000A61 Datasheet
106Kb / 6P
   SAW FILTER
HDBF14000D64 SHOULDER-HDBF14000D64 Datasheet
120Kb / 6P
   This specification shall cover the characteristics of SAW filter with HDBF14000D64 used for the page system.
HDBF14000D64SP01 SHOULDER-HDBF14000D64SP01 Datasheet
120Kb / 6P
   This specification shall cover the characteristics of SAW filter with HDBF14000D64 used for the page system.
More results

Similar Description - HDBF14000B24

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDBF07001H64 SHOULDER-HDBF07001H64 Datasheet
107Kb / 5P
   This specification shall cover the characteristics of SAW filter BF07001H64
HDBF07004B64 SHOULDER-HDBF07004B64 Datasheet
117Kb / 7P
   This specification shall cover the characteristics of SAW filter BF07004B64
HDBF14004E63 SHOULDER-HDBF14004E63 Datasheet
129Kb / 7P
   This specification shall cover the characteristics of SAW filter BF14004E63
HDBF14014B64 SHOULDER-HDBF14014B64 Datasheet
117Kb / 7P
   This specification shall cover the characteristics of SAW filter BF14014B64
HDBF15610A24 SHOULDER-HDBF15610A24 Datasheet
156Kb / 7P
   This specification shall cover the characteristics of SAW filter HDBF15610A24
HDBF08018A63 SHOULDER-HDBF08018A63 Datasheet
147Kb / 8P
   This specification shall cover the characteristics of SAW filter BF08018A63
HDF135TS24 SHOULDER-HDF135TS24 Datasheet
124Kb / 6P
   This specification shall cover the characteristics of SAW filter F135T
HDBF08018A64 SHOULDER-HDBF08018A64 Datasheet
133Kb / 7P
   This specification shall cover the characteristics of SAW filter HDBF08018A64
HDBF14008C64 SHOULDER-HDBF14008C64 Datasheet
153Kb / 6P
   This specification shall cover the characteristics of SAW filter BF14008C64
HDBF14021A24 SHOULDER-HDBF14021A24 Datasheet
127Kb / 6P
   This specification shall cover the characteristics of SAW filter BF14021A24
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com