Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM2412 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM2412
Description  Monolithic Triple 2.8 ns CRT Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2412 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2412 Datasheet HTML 2Page - National Semiconductor (TI) LM2412 Datasheet HTML 3Page - National Semiconductor (TI) LM2412 Datasheet HTML 4Page - National Semiconductor (TI) LM2412 Datasheet HTML 5Page - National Semiconductor (TI) LM2412 Datasheet HTML 6Page - National Semiconductor (TI) LM2412 Datasheet HTML 7Page - National Semiconductor (TI) LM2412 Datasheet HTML 8Page - National Semiconductor (TI) LM2412 Datasheet HTML 9Page - National Semiconductor (TI) LM2412 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Application Hints (Continued)
C46 and C77 -V
CC bypass capacitors, near LM2412 and
V
CC clamp diodes. Very important for arc protection. (Fig-
ure 11)
The routing of the LM2412 outputs to the CRT is very critical
to achieving optimum performance.
Figure 13 shows the
routing and component placement from pin 1 to the blue
cathode. Note that the components are placed so that they
almost line up from the output pin of the LM2412 to the blue
cathode pin of the CRT connector. This is done to minimize
the length of the video path between these two components.
The direct video path is shown in by a dark gray line through
the components and the PCB traces. Note also that D24,
D25, R58 and D19 are placed to keep the size of the video
nodes to a minimum (R58 is located under D19). This mini-
mizes parasitic capacitance in the video path and also en-
hances the effectiveness of the protection diodes. The traces
in the video nodes to these components are shown by the
white line. The anode of protection diode D25 is connected
directly to the ground plane giving a short and direct path to
the LM2412 ground pins. The cathode of D24 is connected
to V
CC very close to decoupling capacitor C78 (Figure 13)
which is connected to the same section of the ground plane
as D25. The diode placement and routing is very important
for minimizing the voltage stress on the LM2412 during an
arc-over event. Lastly, notice that S3 is placed very close to
the blue cathode and is tied directly to CRT ground.
www.national.com
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LM2406 Monolithic Triple 9 ns CRT Driver 1  2  3  4  5  More National Semiconductor (TI)
LM2425 220V Monolithic Triple Channel 10 MHz CRT DTV Driver 1  2  3  4  5  More National Semiconductor (TI)
LM2466 Monolithic Triple 7.5 ns CRT Driver 1  2  3  4  5  More National Semiconductor (TI)
LM2450 220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver 1  2  3  4  5  More National Semiconductor (TI)
LM2407 Monolithic Triple 7.5 nS CRT Driver 1  2  3  4  5  More National Semiconductor (TI)
LM2462 Monolithic Triple 3 ns CRT Driver 1  2  3  4  5  More National Semiconductor (TI)
LM2408 Monolithic Triple 4.5 ns CRT Driver 1  2  3  4  5  More National Semiconductor (TI)
LM2409 Monolithic Triple 9.5 ns CRT Driver 1  2  3  4  5  More National Semiconductor (TI)
LM2463 Monolithic Triple 4 ns CRT Driver 1  2  3  4  5  More National Semiconductor (TI)
LM2452 220V Monolithic Triple Channel 17 MHz DC Coupled CRT DTV Driver 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn