Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTV018 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MTV018
Description  Super On-Screen-Display
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTV018 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MTV018 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
MTV018 Revision 4.0 10/21/1999
MTV018
MYSON
TECHNOLOGY
3.0 FUNCTIONAL DESCRIPTIONS
3.1 SERIAL DATA INTERFACE
The serial data interface receives data transmitted from an external controller. And there are 2 types of bus
can be accessed through the serial data interface, one is SPI bus and other is I2C bus.
3.1.1 SPI bus
While SSB pin is pulled to "high" or "low" level, the SPI bus operation is selected. And a valid transmission
should be starting from pulling SSB to "low" level, enabling MTV018 to receiving mode, and retain "low" level
until the last cycle for a complete data packet transfer. The protocol is shown in Figure 1.
PWM2
O
-
-
11
Open-Drain PWM D/A converter 2. The output pulse width is pro-
grammable by the register of Row 15, Column 21.
PWM3
O
-
-
12
Open-Drain PWM D/A converter 3. The output pulse width is pro-
grammable by the register of Row 15, Column 22.
PWM4
O
-
-
13
Open-Drain PWM D/A converter 4. The output pulse width is pro-
grammable by the register of Row 15, Column 23.
PWM5
O
-
-
14
Open-Drain PWM D/A converter 5. The output pulse width is pro-
grammable by the register of Row 15, Column 24.
PWM6
O
-
11
15
Open-Drain PWM D/A converter 6. The output pulse width is pro-
grammable by the register of Row 15, Column 25.
PWM7
O
-
12
16
Open-Drain PWM D/A converter 7. The output pulse width is pro-
grammable by the register of Row 15, Column 26.
VDD
-
9
13
17
Digital power supply. Positive 5 V DC supply for internal digital cir-
cuitry and a 0.1uF decoupling capacitor should be connected across
to VDD and VSS.
VFLB
I
10
14
18
Vertical input. This pin is used to input the vertical synchronizing sig-
nal. It is leading triggered and has an internal pull-up resistor.
HTONE /
PWMCK
O
11
15
19
Half tone output / PWM clock output. This is a multiplexed pin
selected by PWMCK bit. This pin can be a PWM clock or used to
attenuate R, G, B gain of VGA for the transparent windowing effect.
FBKG
O
12
16
20
Fast Blanking output. It is used to cut off external R, G, B signals of
VGA while this chip is displaying characters or windows.
BOUT
O
13
17
21
Blue color output. It is a blue color video signal output.
GOUT
O
14
18
22
Green color output. It is a green color video signal output.
ROUT
O
15
19
23
Red color output. It is a red color video signal output.
VSS
-
16
20
24
Digital ground. This ground pin is used to internal digital circuitry.
Name
I/O
Pin No.
Descriptions
N
N20
N24


Similar Part No. - MTV018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
MTV016 ETC-MTV016 Datasheet
104Kb / 11P
   Enhanced On-Screen-Display Controller
More results

Similar Description - MTV018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV021 ETC-MTV021 Datasheet
205Kb / 17P
   Enhanced Super On-Screen Display
MTV121 ETC-MTV121 Datasheet
220Kb / 18P
   Super On-Screen-Display for LCD Monitor
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
New Japan Radio
NJM2214 NJRC-NJM2214 Datasheet
227Kb / 6P
   VIDEO ON-SCREEN DISPLAY
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
List of Unclassifed Man...
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com