Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD1716 Datasheet(PDF) 2 Page - Supertex, Inc

Part # MD1716
Description  Three Channel, Three Level, High Speed Ultrasound Driver IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1716 Datasheet(HTML) 2 Page - Supertex, Inc

  MD1716 Datasheet HTML 1Page - Supertex, Inc MD1716 Datasheet HTML 2Page - Supertex, Inc MD1716 Datasheet HTML 3Page - Supertex, Inc MD1716 Datasheet HTML 4Page - Supertex, Inc MD1716 Datasheet HTML 5Page - Supertex, Inc MD1716 Datasheet HTML 6Page - Supertex, Inc MD1716 Datasheet HTML 7Page - Supertex, Inc MD1716 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
MD1716
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Ordering Information
Device
Package Option
40-Lead QFN
6.00x6.00mm body
1.00mm height (max)
0.50mm pitch
MD1716
MD1716K6-G
Absolute Maximum Ratings
Parameter
Value
GND and AGND, Ground
0V
V
LL logic input pin
-0.5V to +5.5V
AV
DD1, VDD1, positive gate drive supply
-0.5V to +14.5V
V
DD2, positive gate drive supply
-0.5V to +14.5V
Storage temperature
-65°C to 150°C
Power dissipation
1.3W
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect device
reliability. All voltages are referenced to device ground.
* 1.0oz 4-layer 3x4” PCB
-G indicates package is RoHS compliant (‘Green’)
Pin Configuration
Package Marking
40-Lead QFN (K6)
(top view)
40-Lead QFN (K6)
Operating Supply Voltages
Sym
Parameter
Min
Typ
Max Units Conditions
V
LL
Logic supply
1.8
3.3
3.6
V
---
AV
DD
Positive analog supply
4.75
-
12.9
V
AV
DD ≥ VDD
V
DD
Positive gate drive supply
4.75
-
12.9
V
---
Operating Supply Current
(Over operating conditions unless otherwise specified, V
LL = 3.3V, AVDD = VDD = +12V, TA = 25°C)
Sym
Parameter
Min
Typ
Max Units Conditions
I
VLL
Logic reference current
-
10
-
µA
V
LL = 3.3V
I
AVDDQ
AV
DD power down current
-
400
-
µA
EN = 0, all inputs Low.
I
VDDQ
V
DD power down current
-
50
100
I
AVDDEN
AV
DD power up current
-
2.0
3.0
mA
EN = 1, all inputs Low.
I
VDDEN
V
DD power up current
-
0.7
1.0
mA
I
AVDDCW
AV
DD CW 5.0MHz current
-
10
-
mA
All channels on at 5.0MHz, No load.
V
DD = 5.0V
I
VDDCW
V
DD CW 5.0MHz current
-
33
-
Package may or may not include the following marks: Si or
1
40
L = Lot Number
YY = Year Sealed
WW = Week Sealed
A = Assembler ID
C = Country of Origin
= “Green” Packaging
MD1716K6
LLLLLLLLL
YYWW
AAA CCC


Similar Part No. - MD1716

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MD1716 MICROCHIP-MD1716 Datasheet
769Kb / 16P
   3-Channel 3-Level High-Speed Ultrasound Driver IC
02/28/20
MD1716K6-G MICROCHIP-MD1716K6-G Datasheet
769Kb / 16P
   3-Channel 3-Level High-Speed Ultrasound Driver IC
02/28/20
More results

Similar Description - MD1716

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1715 SUTEX-MD1715 Datasheet
721Kb / 9P
   Two Channel, Five Level, High Speed Ultrasound Driver IC
logo
Microchip Technology
MD1716 MICROCHIP-MD1716 Datasheet
769Kb / 16P
   3-Channel 3-Level High-Speed Ultrasound Driver IC
02/28/20
HV7360 MICROCHIP-HV7360 Datasheet
611Kb / 18P
   High-Speed 짹100V 2.5A Two-or-Three-Level Ultrasound Pulsers
07/14/15
logo
Supertex, Inc
HV7360 SUTEX-HV7360 Datasheet
932Kb / 8P
   High Speed, 100V 2.5A, Two or Three Level Ultrasound Pulser
MD1711 SUTEX-MD1711_14 Datasheet
585Kb / 12P
   High Speed, Integrated Ultrasound Driver IC
MD1712 SUTEX-MD1712 Datasheet
901Kb / 12P
   High Speed, Integrated Ultrasound Driver IC
MD1711 SUTEX-MD1711_07 Datasheet
472Kb / 10P
   High Speed, Integrated Ultrasound Driver IC
MD1711 SUTEX-MD1711 Datasheet
192Kb / 9P
   HIGH SPEED INTEGRATED ULTRASOUND DRIVER IC
logo
List of Unclassifed Man...
ET9600 ETC1-ET9600 Datasheet
34Kb / 2P
   THREE CHANNEL DIFFERENTIAL LINE DRIVER IC
logo
Freescale Semiconductor...
33395 FREESCALE-33395 Datasheet
782Kb / 16P
   Three-Phase Gate Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com