Electronic Components Datasheet Search |
|
6048597 Datasheet(PDF) 3 Page - SICK AG |
|
6048597 Datasheet(HTML) 3 Page - SICK AG |
3 / 7 page PBT-RB025SG1NSNAMA0Z | PBT PRESSURE SENSORS Electrical connection Round connector M12 x 1, 4-pin, IP 67 Supply voltage Power consumption Electrical safety Insolation voltage 500 V DC CE-conformity Pressure equipment directive: 97/23/EC, EMC directive: 2004/108/EC, EN 61 326-2-3 Weight sensor Approx. 80 g Seal NBR Enclosure rating IP 67 Protection class III ✔ Reference conditions Reference conditions: According to IEC 61298-1 1) The pressure transmitter must be supplied with power by a limited energy circuit compliant with 9.3 of UL/EN/IEC 601010-1 or LPS to UL/EN/IEC 60950-1 or Class 2 to UL 1310/UL1585 (NEC or CEC). The power supply must be suitable for operation above 2,000 m if the pressure transmitter is used above this altitude. Ambient data Ambient temperature 0 °C ... +80 °C Storage temperature –20 °C ... +80 °C Relative humidity 45 % ... 75 % Shock load Vibration load Classifications ECl@ss 5.0 27200614 ECl@ss 5.1.4 27200614 ECl@ss 6.0 27200614 ECl@ss 6.2 27200614 ECl@ss 7.0 27200614 ECl@ss 8.0 27200614 ECl@ss 8.1 27200614 ECl@ss 9.0 27200614 ETIM 5.0 EC002476 ETIM 6.0 EC002476 UNSPSC 16.0901 41112410 2016-08-17 15:00:09 | Online data sheet Subject to change without notice FLUID SENSORS | SICK 3 |
Similar Part No. - 6048597 |
|
Similar Description - 6048597 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |