Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6047978 Datasheet(PDF) 3 Page - SICK AG

Part # 6047978
Description  PRESSURE SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6047978 Datasheet(HTML) 3 Page - SICK AG

  6047978 Datasheet HTML 1Page - SICK AG 6047978 Datasheet HTML 2Page - SICK AG 6047978 Datasheet HTML 3Page - SICK AG 6047978 Datasheet HTML 4Page - SICK AG 6047978 Datasheet HTML 5Page - SICK AG 6047978 Datasheet HTML 6Page - SICK AG 6047978 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PBT-RB1X6SG1SSNAMA0Z | PBT
PRESSURE SENSORS
Electrical connection
Round connector M12 x 1, 4-pin, IP 67
Supply voltage
Power consumption
Electrical safety
Insolation voltage
500 V DC
CE-conformity
Pressure equipment directive: 97/23/EC, EMC directive: 2004/108/EC, EN 61 326-2-3
Weight sensor
Approx. 80 g
Seal
NBR
Enclosure rating
IP 67
Protection class III
Reference conditions
Reference conditions: According to IEC 61298-1
1) The pressure transmitter must be supplied with power by a limited energy circuit compliant with 9.3 of UL/EN/IEC 601010-1 or LPS to UL/EN/IEC 60950-1 or Class
2 to UL 1310/UL1585 (NEC or CEC). The power supply must be suitable for operation above 2,000 m if the pressure transmitter is used above this altitude.
Ambient data
Ambient temperature
0 °C ... +80 °C
Storage temperature
–20 °C ... +80 °C
Relative humidity
45 % ... 75 %
Shock load
Vibration load
Classifications
ECl@ss 5.0
27200614
ECl@ss 5.1.4
27200614
ECl@ss 6.0
27200614
ECl@ss 6.2
27200614
ECl@ss 7.0
27200614
ECl@ss 8.0
27200614
ECl@ss 8.1
27200614
ECl@ss 9.0
27200614
ETIM 5.0
EC002476
ETIM 6.0
EC002476
UNSPSC 16.0901
41112410
2016-08-17 15:00:09 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
3


Similar Part No. - 6047978

ManufacturerPart #DatasheetDescription
logo
SICK AG
6047977 SICK-6047977 Datasheet
815Kb / 6P
   PRESSURE SENSORS
6047979 SICK-6047979 Datasheet
794Kb / 5P
   PRESSURE SENSORS
More results

Similar Description - 6047978

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com