Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA08TFP Datasheet(PDF) 2 Page - Rohm

Part # BA08TFP
Description  Low saturation voltage type 3-pin regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA08TFP Datasheet(HTML) 2 Page - Rohm

  BA08TFP Datasheet HTML 1Page - Rohm BA08TFP Datasheet HTML 2Page - Rohm BA08TFP Datasheet HTML 3Page - Rohm BA08TFP Datasheet HTML 4Page - Rohm BA08TFP Datasheet HTML 5Page - Rohm BA08TFP Datasheet HTML 6Page - Rohm BA08TFP Datasheet HTML 7Page - Rohm BA08TFP Datasheet HTML 8Page - Rohm BA08TFP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BAOOT / FP series
Regulator ICs
!
!
!
!Absolute maximum ratings
(Ta = 25
°C)
*1 Reduced by 16mW for each increase in Ta
of 1
°C over 25°C
*3 Voltage application time : 200 msec. or less
*2 Reduced by 8mW for each increase in Ta
of 1
°C over 25°C
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
35
V
Power
dissipation
TO220FP
Pd
2000 *1
mW
TO252 - 3
1000 *2
Operating temperature
Topr
°C
Storage temperature
Tstg
°C
Peak applied voltage
Vsurge
50 *3
V
-40~85
-55~150
!
!
!
!Recommended operating conditions
BA03T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
4
-
25
V
Output current
Io
-
-
1
A
BA033T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
4.3
-
25
V
Output current
Io
-
-
1
A
BA05T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
6
-
25
V
Output current
Io
-
-
1
A
BA06T / FP (under development)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
7
-
25
V
Output current
Io
-
-
1
A
BA07T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
8
-
25
V
Output current
Io
-
-
1
A
BA08T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
9
-
25
V
Io
-
-
1
A
Output current
BA09T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
10-25
V
Output current
Io
-
-
1
A
BA10T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
11-25
V
Output current
Io
-
-
1
A
BA12T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
13-25
V
Output current
Io
-
-
1
A
BA15T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
16-25
V
Output current
Io
-
-
1
A


Similar Part No. - BA08TFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA08TFP ROHM-BA08TFP Datasheet
98Kb / 8P
   Low saturation voltage type 3-pin regulator
More results

Similar Description - BA08TFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
BA033FP ROHM-BA033FP Datasheet
98Kb / 8P
   Low saturation voltage type 3-pin regulator
BA07FP-E2 ROHM-BA07FP-E2 Datasheet
106Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Mitsumi Electronics, Co...
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
   Low-Output Voltage Low-Saturation Three-Pin Regulator
logo
ELM Electronics
ELM99XXXA ELM-ELM99XXXA Datasheet
313Kb / 19P
   LOW SATURATION VOLTAGE REGULATOR
logo
ON Semiconductor
LB1848MC-BH ONSEMI-LB1848MC-BH Datasheet
137Kb / 6P
   Low-Voltage/Low Saturation Voltage Type
June, 2013
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
logo
Mitsumi Electronics, Co...
MM1320 MITSUMI-MM1320 Datasheet
113Kb / 6P
   Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
logo
Panasonic Semiconductor
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com