Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR504L Datasheet(PDF) 2 Page - Mospec Semiconductor

Part No. SR504L
Description  Switchmode Schottky Barrier Power Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOSPEC [Mospec Semiconductor]
Homepage  http://www.mospec.com.tw
Logo 

SR504L Datasheet(HTML) 2 Page - Mospec Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SR504L
FIG-1 FORWARD CURRENT DERATING CURVE
FIG-2 TYPICAL FORWARD CHARACTERISITICS
CASE TEMPERATURE (℃)
FORWARD VOLTAGE (Volts)
TJ=25℃
TJ=75℃
TJ=125℃
FIG-3 TYPICAL REVERSE CHARACTERISTICS
FIG-4 TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (Volts)
REVERSE VOLTAGE (Volts)
TJ=25℃
TJ=100℃
TJ=75℃
FIG-5 PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
6M-C


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn