Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC557-0324FI1-T Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # DSC557-0324FI1-T
Description  Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC557-0324FI1-T Datasheet(HTML) 6 Page - Micrel Semiconductor

  DSC557-0324FI1-T Datasheet HTML 1Page - Micrel Semiconductor DSC557-0324FI1-T Datasheet HTML 2Page - Micrel Semiconductor DSC557-0324FI1-T Datasheet HTML 3Page - Micrel Semiconductor DSC557-0324FI1-T Datasheet HTML 4Page - Micrel Semiconductor DSC557-0324FI1-T Datasheet HTML 5Page - Micrel Semiconductor DSC557-0324FI1-T Datasheet HTML 6Page - Micrel Semiconductor DSC557-0324FI1-T Datasheet HTML 7Page - Micrel Semiconductor DSC557-0324FI1-T Datasheet HTML 8Page - Micrel Semiconductor DSC557-0324FI1-T Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
______________________________________________________________________________________________________________________________________________
DSC557-03
Page 6
MK-QB-P-D-120917-01-2
DSC557-03
Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
OE Function and Output Waveform: HCSL
Ordering Information9
Note 9. CLK0 and CLK1 are configured at the factory to 100 MHz. (For other frequencies, contact the factory at
sales@discera.com.)
VIL
1/
f o
Output
Enable
tDA
tEN
tF
tR
VIH
80%
20%
50%
Output
830 mv
DSC557-03
Packing
T: Tape & Reel
F I 0
Package
F: 14 QFN
S: 16 TSSOP
Temp Range
E: -20 to 70
I: -40 to 85
L: -40 to 105
Stability
0: ±100ppm
1: ±50ppm
T
CLK 1 Output Format
1: LVCMOS
2: LVPECL
3: LVDS
4: HCSL
4 4
-
CLK 0 Output Format
1: LVCMOS
2: LVPECL
3: LVDS
4: HCSL
675 mV


Similar Part No. - DSC557-0324FI1-T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC557-0324FI1-T MICREL-DSC557-0324FI1-T Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
More results

Similar Description - DSC557-0324FI1-T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC558-03 MICREL-DSC558-03 Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC511-03 MICREL-DSC511-03 Datasheet
528Kb / 5P
   Crystal-less Two Output Clock Generator
logo
Integrated Device Techn...
9FGU0841 IDT-9FGU0841_16 Datasheet
207Kb / 16P
   8-output 1.5V PCIe Gen1-2-3 Clock Generator
logo
Micrel Semiconductor
DSC557-04 MICREL-DSC557-04 Datasheet
641Kb / 7P
   Crystal-less??Three Output PCIe Clock Generator
DSC557-05 MICREL-DSC557-05 Datasheet
660Kb / 7P
   Crystal-less??Four Output PCIe Clock Generator
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Silicon Laboratories
SI50122-A1 SILABS-SI50122-A1 Datasheet
1Mb / 14P
   CRYSTAL-LESS PCI-EXPRESS GEN1 DUAL OUTPUT CLOCK GENERATOR
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231_16 Datasheet
224Kb / 15P
   2-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
9FGV0241 IDT-9FGV0241_16 Datasheet
230Kb / 15P
   2-OUTPUT VERY LOW POWER PCIE GEN1/2/3 CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com