Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3749-X0 Datasheet(PDF) 7 Page - Vicor Corporation

Part # PI3749-X0
Description  16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3749-X0 Datasheet(HTML) 7 Page - Vicor Corporation

Back Button PI3749-X0 Datasheet HTML 3Page - Vicor Corporation PI3749-X0 Datasheet HTML 4Page - Vicor Corporation PI3749-X0 Datasheet HTML 5Page - Vicor Corporation PI3749-X0 Datasheet HTML 6Page - Vicor Corporation PI3749-X0 Datasheet HTML 7Page - Vicor Corporation PI3749-X0 Datasheet HTML 8Page - Vicor Corporation PI3749-X0 Datasheet HTML 9Page - Vicor Corporation PI3749-X0 Datasheet HTML 10Page - Vicor Corporation PI3749-X0 Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.6
vicorpower.com
Page 7 of 26
09/2016
800 927.9474
PI3749-x0
Electrical Characteristics
Specifications apply for the conditions -40°C < TJ < 115°C, VIN = 16V - 34V, VOUT = 24V, LEXT = 480nH[4], external CIN = COUT = 20µF,
unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Specifications
Input Voltage
VIN_DC
16
24
34
V
Input Current
IIN_DC
IOUT = 4A, VIN = 24V, VOUT = 24V, TCASE = 25°C
4.06
A
Input Current
IIN_DC
IOUT = 7.0A, VIN = 16V, VOUT = 24V, TCASE = 25°C
10.8
A
Input Current During Output Short
(fault condition duty cycle)
IIN_SHORT
[5]
2.5
mA
Input Quiescent Current
IQ_VIN
Enabled (no load)
6.6
mA
Input Voltage Slew Rate
VIN_SR
[5]
1
V/µs
Internal Input Capacitance
CIN
50V, X7R type 25°C, VOUT = 0V
2
µF
VIN UVLO threshold rising
VIN_UVLO_START
13.0
14.1
15.0
V
VIN UVLO hysteresis
VIN_UVLO_HYS
0.7
V
VIN OVLO threshold rising
VIN_OVLO_START
35.2
37.4
39.5
V
VIN OVLO hysteresis
VIN_OVLO_HYS
0.75
V
Output Specifications
Output Voltage Range
VOUT_DC
VIN = 16V to 34V
12
29
V
VIN = 24V to 34V
12
34
Output Current Steady State
IOUT_DC
VIN =24V, VOUT = 24V, TCASE = 25°C[6]
6.8
A
VIN = 16V, VOUT = 24V, TCASE = 25°C[6]
7.2
VIN = 24V, VOUT = 12V, TCASE = 25°C[6]
10
Output Power Steady State
POUT_DC
VIN = 24V, VOUT = 24V, TCASE = 25°C[6]
163.2
W
VIN = 16V, VOUT = 24V, TCASE = 25°C[6]
172.8
VIN = 24V, VOUT = 12V, TCASE = 25°C[6]
120
Output Ripple
VOUT_AC
IOUT = 4A, VIN = 24V, VOUT = 16V, Tcase = 25°C
COUT_EX = 8 x 10µF, 50V, X7S, 20MHz BW
137
mVp-p
Internal Output Capacitance
COUT
50V, X7R type 25°C, VOUT = 0V
1
µF
VOUT Over Voltage Threshold
VOUT_OVT
Rising VOUT threshold to detect open loop
35.2
37.4
39.5
V
V drive
VDR
Internal drive supply, internal use only
4.84
5.10
5.36
V
Current Sense Amplifier (Dedicated to monitor Input or Output current)
ISP Pin Bias Current (Sink)
VOUT = 10V, Flows to SGND
90
150
260
µA
ISN Pin Bias Current
VOUT = 10V
0
µA
Common Mode Input Range
8
36
V
IMON Source Current
1
1.8
3
mA
IMON Sink Current
1
1.6
2.6
mA
IMON Output At No Load
0
10
mV
Full Scale Error
40mV input
-4
4
%
Bandwidth
[5]
40
kHz
Settling Time For Full Scale Step
1%
20
µs
Gain
AV_CS
20
V/V


Similar Part No. - PI3749-X0

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3749-X0 VICOR-PI3749-X0 Datasheet
827Kb / 27P
   16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PI3749-X0 VICOR-PI3749-X0_18 Datasheet
827Kb / 27P
   16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
More results

Similar Description - PI3749-X0

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3749-X0 VICOR-PI3749-X0_18 Datasheet
827Kb / 27P
   16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PI3749-00-LGIZ VICOR-PI3749-00-LGIZ Datasheet
867Kb / 26P
   16V to 34VIN, 12V to 28VOUT, 120W Cool-Power ZVS Buck-Boost
PI3741-0X VICOR-PI3741-0X_18 Datasheet
968Kb / 39P
   21V to 60VIN, 150W, Cool-Power ZVS Buck-Boost Regulator
PI3755-01 VICOR-PI3755-01 Datasheet
116Kb / 3P
   38V to 60VIN, 160W Cool-Power ZVS Buck-Boost Regulator
PI3756-00 VICOR-PI3756-00 Datasheet
119Kb / 3P
   38V to 60VIN, 28V to 60VOUT, 200W Cool-Power ZVS Buck-Boost
PI3741-0X VICOR-PI3741-0X Datasheet
979Kb / 38P
   21V to 60VIN, 150W, Cool-Power ZVS Buck-Boost Regulator
PI352X-00 VICOR-PI352X-00 Datasheet
1Mb / 34P
   30VIN to 60VIN Cool-Power ZVS Buck Regulator
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
   8V to 36VIN Cool-Power ZVS Buck Regulator
PI3751-00-LGIZ VICOR-PI3751-00-LGIZ Datasheet
117Kb / 3P
   38 V to 60 Vin, 200 W Cool-Power ZVS Buck-Boost
PI3755-01-LGIZ VICOR-PI3755-01-LGIZ Datasheet
111Kb / 3P
   38 V to 60 Vin, 160 W Cool-Power ZVS Buck-Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com