Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC557-0312SE1-T Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # DSC557-0312SE1-T
Description  Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC557-0312SE1-T Datasheet(HTML) 1 Page - Micrel Semiconductor

  DSC557-0312SE1-T Datasheet HTML 1Page - Micrel Semiconductor DSC557-0312SE1-T Datasheet HTML 2Page - Micrel Semiconductor DSC557-0312SE1-T Datasheet HTML 3Page - Micrel Semiconductor DSC557-0312SE1-T Datasheet HTML 4Page - Micrel Semiconductor DSC557-0312SE1-T Datasheet HTML 5Page - Micrel Semiconductor DSC557-0312SE1-T Datasheet HTML 6Page - Micrel Semiconductor DSC557-0312SE1-T Datasheet HTML 7Page - Micrel Semiconductor DSC557-0312SE1-T Datasheet HTML 8Page - Micrel Semiconductor DSC557-0312SE1-T Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
______________________________________________________________________________________________________________________________________________
DSC557-03
Page 1
MK-QB-P-D-120917-01-2
Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-03
General Description
The DSC557-03 is a crystal-less, two output
PCI express clock generator meeting Gen1,
Gen2, and Gen3 specifications. The clock
generator
uses
proven
silicon
MEMS
technology to provide 100MHz* differential
output clocks with excellent jitter and
stability over a wide range of supply
voltages and temperatures. By eliminating
the external quartz crystal, the DSSC557-03
significantly
enhances
reliability
and
accelerates product development, while
meeting stringent clock performance criteria
for a variety of communications, storage,
and networking applications.
DSC557-03 has an Output Enable / Disable
feature allowing it to disable the outputs
when OE is low. The device is available in
two
different
packages;
a
“drop-in”
replacement 16 pin TSSOP or a space
saving 14 pin QFN (77% less board space).
Additional output formats are also available
in any combination of LVPECL, LVDS, and
HCSL.
Block Diagram
Control Circuitry
MEMS
PLL
Output
Control
and
Divider
CLK1+
CLK1-
CLK0+
CLK0-
OE
* Clk0+/- and Clk1+/- are 100 MHz as per PCIe
standards. For other frequencies, please
contact the factory.
Features
 Meets PCIe Gen1, Gen2 & Gen3 specs.
 Available Output Formats:
o
HCSL, LVPECL, or LVDS
o
HCSL/LVPECL, HCSL/LVDS, LVPECL/LVDS
 Wide Temperature Range
o
Ext. Industrial: -40° to 105° C
o
Industrial: -40° to 85° C
o
Ext. commercial: -20° to 70° C
 Supply Range of 2.25 to 3.6 V
 Low Power Consumption
o
30% lower than competing devices
 Excellent Shock & Vibration Immunity
o
Qualified to MIL-STD-883
 Available Footprints:
o
16 TSSOP
o
14 QFN
 Lead Free & RoHS Compliant
 Short Lead Time: 2 Weeks
Applications
 Communications/Networking
o
Ethernet
o
1G, 10GBASE-T/KR/LR/SR, and FcoE
o
Routers and Switches
o
Gateways, VoIP, Wireless AP’s
o
Passive Optical Networks
 Storage
o
SAN, NAS, SSD, JBOD
 Embedded Applications
o
Industrial, Medical, and Avionics
o
Security Systems and Office
Automation
o
Digital Sinage, POS and others
 Consumer Electronics
o
Smart TV, Bluray, STB


Similar Part No. - DSC557-0312SE1-T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC557-0312SE1-T MICREL-DSC557-0312SE1-T Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
More results

Similar Description - DSC557-0312SE1-T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC558-03 MICREL-DSC558-03 Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC511-03 MICREL-DSC511-03 Datasheet
528Kb / 5P
   Crystal-less Two Output Clock Generator
logo
Integrated Device Techn...
9FGU0841 IDT-9FGU0841_16 Datasheet
207Kb / 16P
   8-output 1.5V PCIe Gen1-2-3 Clock Generator
logo
Micrel Semiconductor
DSC557-04 MICREL-DSC557-04 Datasheet
641Kb / 7P
   Crystal-less??Three Output PCIe Clock Generator
DSC557-05 MICREL-DSC557-05 Datasheet
660Kb / 7P
   Crystal-less??Four Output PCIe Clock Generator
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Silicon Laboratories
SI50122-A1 SILABS-SI50122-A1 Datasheet
1Mb / 14P
   CRYSTAL-LESS PCI-EXPRESS GEN1 DUAL OUTPUT CLOCK GENERATOR
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231_16 Datasheet
224Kb / 15P
   2-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
9FGV0241 IDT-9FGV0241_16 Datasheet
230Kb / 15P
   2-OUTPUT VERY LOW POWER PCIE GEN1/2/3 CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com