Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD119-B1-W01005 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # ESD119-B1-W01005
Description  TVS (Transient Voltage Suppressor)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD119-B1-W01005 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button ESD119-B1-W01005 Datasheet HTML 4Page - Infineon Technologies AG ESD119-B1-W01005 Datasheet HTML 5Page - Infineon Technologies AG ESD119-B1-W01005 Datasheet HTML 6Page - Infineon Technologies AG ESD119-B1-W01005 Datasheet HTML 7Page - Infineon Technologies AG ESD119-B1-W01005 Datasheet HTML 8Page - Infineon Technologies AG ESD119-B1-W01005 Datasheet HTML 9Page - Infineon Technologies AG ESD119-B1-W01005 Datasheet HTML 10Page - Infineon Technologies AG ESD119-B1-W01005 Datasheet HTML 11Page - Infineon Technologies AG ESD119-B1-W01005 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ESD119-B1-W01005
Typical Characteristics Diagrams
Final Data Sheet
8
Revision 1.2, 2016-04-07
Figure 4-5 Clamping voltage (ESD): VCL = f(t), 15 kV positive pulse
Figure 4-6 Clamping voltage (ESD): VCL = f(t), 15 kV negative pulse
-25
0
25
50
75
100
125
150
175
-50
0
50
100
150
200
250
300
350
400
450
tp [ns]
Scope: 6 GHz, 20 GS/s
VCL-max-peak = 171 V
VCL-30ns-peak = 25 V
-175
-150
-125
-100
-75
-50
-25
0
25
-50
0
50
100
150
200
250
300
350
400
450
tp [ns]
Scope: 6 GHz, 20 GS/s
VCL-max-peak = -165 V
VCL-30ns-peak = -25 V


Similar Part No. - ESD119-B1-W01005

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESD119-B1-W01005 LEIDITECH-ESD119-B1-W01005 Datasheet
2Mb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 1.0 : 07.07.2021
More results

Similar Description - ESD119-B1-W01005

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP5.0 LUGUANG-5KP5.0 Datasheet
237Kb / 4P
   TVS Transient Voltage Suppressor
logo
Infineon Technologies A...
ESD230-B1-W0201 INFINEON-ESD230-B1-W0201 Datasheet
976Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.0, 2016-04-22
ESD102-U1-02ELS INFINEON-ESD102-U1-02ELS Datasheet
782Kb / 16P
   TVS (Transient Voltage Suppressor)
Revision 1.2, 2015-12-14
logo
Tiger Electronic Co.,Lt...
5KP TGS-5KP Datasheet
265Kb / 4P
   TVS Transient Voltage Suppressor
logo
Digitron Semiconductors
P4KE6.8 DIGITRON-P4KE6.8 Datasheet
422Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR (TVS)
logo
Infineon Technologies A...
ESD101-B1-02ELS INFINEON-ESD101-B1-02ELS Datasheet
656Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.3, 2015-07-13
ESD128-B1-W0201 INFINEON-ESD128-B1-W0201 Datasheet
799Kb / 16P
   TVS (Transient Voltage Suppressor)
Revision 1.3, 2016-04-06
logo
Tiger Electronic Co.,Lt...
5KP5.0 TGS-5KP5.0 Datasheet
270Kb / 4P
   TVS Transient Voltage Suppressor
logo
STMicroelectronics
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
   transient voltage surge suppressor (TVS)
logo
Torex Semiconductor
XBP4SMAJ TOREX-XBP4SMAJ Datasheet
212Kb / 5P
   400W Transient Voltage Suppressor (TVS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com