Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC557-0322SI0-T Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # DSC557-0322SI0-T
Description  Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC557-0322SI0-T Datasheet(HTML) 2 Page - Micrel Semiconductor

  DSC557-0322SI0-T Datasheet HTML 1Page - Micrel Semiconductor DSC557-0322SI0-T Datasheet HTML 2Page - Micrel Semiconductor DSC557-0322SI0-T Datasheet HTML 3Page - Micrel Semiconductor DSC557-0322SI0-T Datasheet HTML 4Page - Micrel Semiconductor DSC557-0322SI0-T Datasheet HTML 5Page - Micrel Semiconductor DSC557-0322SI0-T Datasheet HTML 6Page - Micrel Semiconductor DSC557-0322SI0-T Datasheet HTML 7Page - Micrel Semiconductor DSC557-0322SI0-T Datasheet HTML 8Page - Micrel Semiconductor DSC557-0322SI0-T Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
______________________________________________________________________________________________________________________________________________
DSC557-03
Page 2
MK-QB-P-D-120917-01-2
DSC557-03
Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
Specifications (Unless specified otherwise: T=25° C, VDD =3.3V)
Notes:
1.
VDD should be filtered with 0.01uf capacitor.
2.
Output is enabled if OE pin is floated or not connected.
3.
tsu is time to 100PPM stable output frequency after VDD is applied and outputs are enabled.
4.
Output Waveform and Connection Diagram define the parameters.
5.
Period Jitter includes crosstalk from adjacent output.
6.
Contact Sales@Discera.com for alternate output options (LVPECL, LVDS, LVCMOS).
7.
Contact Sales@Discera.com for alternative frequency options
8.
Jitter limits established by Gen 1.1, Gen 2.1, and Gen 3.0 PCIe standards.
Parameter
Condition
Min.
Typ.
Max.
Unit
Supply Voltage1
VDD
2.25
3.6
V
Supply Current
IDD
EN pin low – outputs are
disabled
21
23
mA
Supply Current2
(Two HCSL Outputs)
IDD
EN pin high – outputs are
enabled
RL=50 Ω, FO1=FO2=100 MHz
60
mA
Frequency Stability
Δf
Includes frequency variations
due to initial tolerance, temp.
and power supply voltage
±100
ppm
±50
Startup Time3
tSU
5
ms
Input Logic Levels
Input logic high
Input logic low
VIH
VIL
0.75xVDD
-
-
0.25xVDD
V
Output Disable Time4
tDA
5
ns
Output Enable Time
tEN
20
ns
Pull-Up Resistor2
Pull-up on OE pin
40
HCSL Outputs6
Parameter
Condition
Min.
Typ.
Max.
Unit
Output Logic Levels
Output logic high
Output logic low
VOH
VOL
RL=50Ω
0.725
-
-
0.1
V
Pk to Pk Output Swing
Single-Ended
750
mV
Output Transition time4
Rise Time
Fall Time
tR
tF
20% to 80%
RL=50Ω, CL= 2pF
200
400
ps
Frequency
f0
Single Frequency
2.3
1007
460
MHz
Output Duty Cycle
SYM
Differential
48
52
%
Period Jitter5
JPER
FO1=FO2=100 MHz
2.5
psRMS
Jitter, Phase
(Common Clock
Architecture)
RJ
PCIe Gen 1.1
TJ=DJ + 14.069 x RJ (BER 10-12)
0.540
PsRMS
DJ
TJ
PCIe Gen 1.1
TJ=DJ + 14.069 x RJ (BER 10-12)
0.832
8.536
41.98
86.08
psp-p
JRMS-CCHF
PCIe Gen 2.1, 1.5 MHz to
Nyquist
0.458
3.18
psRMS
JRMS-CCLF
PCIe Gen 2.1, 10 kHz to 1.5 MHz
0.030
3.08
psRMS
JRMS-CC
PCIe Gen 3.0
0.165
1.08
psRMS
Integrated Phase Noise
(Data Clock
Architecture)
JRMS-DCHF
PCIe Gen 2.1, 1.5 MHz to
Nyquist
0.561
4.08
psRMS
JRMS-DCLF
PCIe Gen 2.1, 10 kHz to 1.5 MHz
1.778
7.58
psRMS
JRMS-DC
PCIe Gen 3.0
0.147
1.08
psRMS


Similar Part No. - DSC557-0322SI0-T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC557-0322SI0-T MICREL-DSC557-0322SI0-T Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
More results

Similar Description - DSC557-0322SI0-T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC558-03 MICREL-DSC558-03 Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC511-03 MICREL-DSC511-03 Datasheet
528Kb / 5P
   Crystal-less Two Output Clock Generator
logo
Integrated Device Techn...
9FGU0841 IDT-9FGU0841_16 Datasheet
207Kb / 16P
   8-output 1.5V PCIe Gen1-2-3 Clock Generator
logo
Micrel Semiconductor
DSC557-04 MICREL-DSC557-04 Datasheet
641Kb / 7P
   Crystal-less??Three Output PCIe Clock Generator
DSC557-05 MICREL-DSC557-05 Datasheet
660Kb / 7P
   Crystal-less??Four Output PCIe Clock Generator
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Silicon Laboratories
SI50122-A1 SILABS-SI50122-A1 Datasheet
1Mb / 14P
   CRYSTAL-LESS PCI-EXPRESS GEN1 DUAL OUTPUT CLOCK GENERATOR
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231_16 Datasheet
224Kb / 15P
   2-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
9FGV0241 IDT-9FGV0241_16 Datasheet
230Kb / 15P
   2-OUTPUT VERY LOW POWER PCIE GEN1/2/3 CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com