Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE250 Datasheet(PDF) 4 Page - Yea Shin Technology Co., Ltd

Part # P6KE250
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

P6KE250 Datasheet(HTML) 4 Page - Yea Shin Technology Co., Ltd

  P6KE250 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd P6KE250 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd P6KE250 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd P6KE250 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
http://www.yeashin.com
4
REV.03 20150105
P6KE Series
DEVICE CHARACTERISTICS
FIGURE 1-PEAK PULSE POWER RATING VERSUS
PULSE TIME CURVE
TA
, AMBIENT TEMPERATUER, C
FIGURE2-PULSE DERATING CURVE
t, TIME,ms
FIGURE 3-PULSE WAVEFORM
01.0
2.0
3.0
4.0
0
50
100
150
TA=25 C
PulseWidth(td)isDefined
as the Point Where the Peak
Current Decays to 50% of Ipp
tf=10 u sec
10/1000 u sec Waveform
as Defined bye R.E.A.
Peak Value
Ippm
Half Value-Ipp
2
e-kt
V(
), BREAKDOWN VOLTAGE, VOLTS
BR
FIG.4-TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
td
100
75
50
25
0
125
150
175
200
25
50
75
100
0
T , LEAD TEMPERATURE, C
L
100
75
50
25
2
4
10
20
40
100
0
1
Fig.5 MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
125


Similar Part No. - P6KE250

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE250 PANJIT-P6KE250 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Shenzhen Luguang Electr...
P6KE250 LUGUANG-P6KE250 Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
P6KE250 YANGJIE-P6KE250 Datasheet
187Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE250 LUGUANG-P6KE250 Datasheet
382Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P6KE250 DIOTEC-P6KE250 Datasheet
154Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P6KE250

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com