Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APM9435 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APM9435
Description  P-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9435 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

  APM9435 Datasheet HTML 1Page - Anpec Electronics Coropration APM9435 Datasheet HTML 2Page - Anpec Electronics Coropration APM9435 Datasheet HTML 3Page - Anpec Electronics Coropration APM9435 Datasheet HTML 4Page - Anpec Electronics Coropration APM9435 Datasheet HTML 5Page - Anpec Electronics Coropration APM9435 Datasheet HTML 6Page - Anpec Electronics Coropration APM9435 Datasheet HTML 7Page - Anpec Electronics Coropration APM9435 Datasheet HTML 8Page - Anpec Electronics Coropration APM9435 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Mar., 2003
APM9435
www.anpec.com.tw
6
M i ll im e t er s
I nc he s
Dim
Min .
Max .
Min .
Max .
A
1 .3 5
1 .7 5
0 .0 5 3
0 . 0 6 9
A 1
0. 10
0. 25
0. 004
0. 010
D
4 .8 0
5 .0 0
0 .1 8 9
0 . 1 9 7
E
3 .8 0
4 .0 0
0 .1 5 0
0 . 1 5 7
H
5 .8 0
6 .2 0
0 .2 2 8
0 . 2 4 4
L
0 .4 0
1 .2 7
0 .0 1 6
0 . 0 5 0
e1
0. 33
0. 51
0. 013
0. 020
e2
1. 27B S C
0. 50B S C
φ 18°
8
°
H
E
e1
e2
D
A
A1
0.004max.
1
L
SOP-8 pin ( Reference JEDEC Registration MS-012)
Packaging Information


Similar Part No. - APM9435

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM9435K ANPEC-APM9435K Datasheet
117Kb / 10P
   P-Channel Enhancement Mode MOSFET
logo
Guangdong Kexin Industr...
APM9435K KEXIN-APM9435K Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
Anpec Electronics Corop...
APM9435KC-TR ANPEC-APM9435KC-TR Datasheet
117Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM9435KC-TRL ANPEC-APM9435KC-TRL Datasheet
117Kb / 10P
   P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
APM9435KC-TRL VBSEMI-APM9435KC-TRL Datasheet
961Kb / 8P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - APM9435

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com