Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPES18-120150-7 Datasheet(PDF) 1 Page - Total Power International

Part # TPES18-120150-7
Description  DIVERSE AC PLUGS AVAILABLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES18-120150-7 Datasheet(HTML) 1 Page - Total Power International

  TPES18-120150-7 Datasheet HTML 1Page - Total Power International TPES18-120150-7 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT &
DESKTOP ADAPTOR SINGLE OUTPUT 16-18 WATTS
SWITCHING POWER SUPPLIES
TPES18 SERIES
FEATURES:
UNIVERSAL INPUT
DIVERSE AC PLUGS AVAILABLE
WALLMOUNT OR DESKTOP FORMAT
MEET UNIVERSAL SAFETY STANDARD
EMI MEET EN55022 / FCC CLASS B
CE MARKING COMPLIANCE
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 16 ~ 18 Watts typical.
Output Connector: Optional.
Line Regulation: 0.1% typical.
Load Regulation: ±1.5 ~3.0% typical.
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in Zener diode clamping.
Adjustability: Factory set.
Overload Protection: Typ.120-150% of max. power
overrange or short circuit, power foldback
& self-recovering.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical.
Input Connector:
Wallmount format:WM1,2(USA/Japan)/WM3(Euro-Stecker)/
WM4(Schuko-stecker)/ WM5(UK)/
WM6, 6G(Australia)
Desktop format: IEC320 Inlet Type: DT7-3P or DT8-2P.
Mouse Power Pig-tail type: PT1/2/3/4/5/6/7.
Input Frequency: 47-63Hz.
Inrush Current: Typical 48A @230Vac or
28A @230Vac by adding thermister.
Input Current: 0.4A @115Vac/ 0.17A @230Vac.
Dielectric Withstand: Meet IEC950.
EMI: Meet EN55022 / FCC Class B.
Hold-up Time: 10mS @115Vac/ 40mS @230Vac.
GENERAL SPECIFICATION
Efficiency: 75 ~ 80% typical.
Switching Frequency: Fixed 40KHz.
Circuit Topology: Fixed Frequency Flyback circuit.
Transient Response: Output voltage returns in
less than 3mS following a 25% load change.
Safety Standard: UL1950/ EN60950 Class II.
Class I for WM2,4,5,6G / DT7/PT 2,4,5,7.
Power Density: 2.0 ~ 2.3Watts / Cubic Inch.
Operating Temperature: 0 to +40°C.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: 0.04% /°C.
Cooling: Free air convection.
Construction: Impact resistant thermo-plastic
enclosure case.
Wallmount or Desktop Format.
Notes: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load is varied from half load to full load (±%).
(3) The exact obtainable load regulation depends upon the output cord selected and load current. Upper data are for 6 ft.(2 meters)cord AWG#18 wires.
For the details of safety, please consult the factory
TOTAL POWER INT'L
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-1-


Similar Part No. - TPES18-120150-7

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPES10 TOTAL-POWER-TPES10 Datasheet
696Kb / 4P
   UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
TPES10-03310-A-1 TOTAL-POWER-TPES10-03310-A-1 Datasheet
696Kb / 4P
   UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
TPES10-03325-0-1 TOTAL-POWER-TPES10-03325-0-1 Datasheet
696Kb / 4P
   UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
TPES10-03420-0-3 TOTAL-POWER-TPES10-03420-0-3 Datasheet
696Kb / 4P
   UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
TPES10-05010-B-3 TOTAL-POWER-TPES10-05010-B-3 Datasheet
696Kb / 4P
   UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
More results

Similar Description - TPES18-120150-7

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HER-48 HITRON-HER-48 Datasheet
376Kb / 2P
   AC/DC EXTERNAL REGULATED WALLMOUNT & DESKTOP ADAPTER DIVERSE AC PLUGS SINGLE OUTPUT 6.0-13.0 WATTS LINEAR POWER SUPPLIES
logo
FSP TECHNOLOGY INC.
FSP030-RCAM FSP-FSP030-RCAM Datasheet
133Kb / 1P
   Interchangeable AC plugs
FSP025-RAAM FSP-FSP025-RAAM Datasheet
133Kb / 1P
   Interchangeable AC plugs
FSP015-RBMM FSP-FSP015-RBMM Datasheet
84Kb / 1P
   Interchangeable AC plugs
FSP015-RADM-NP FSP-FSP015-RADM-NP Datasheet
83Kb / 1P
   Interchangeable AC plugs
FSP030-RDAMF FSP-FSP030-RDAMF Datasheet
133Kb / 1P
   Interchangeable AC plugs
logo
HITRON ELECTRONICS CORP...
HEA-41 HITRON-HEA-41 Datasheet
238Kb / 2P
   AC TO DC EXTERNAL UN-REGULATED WALLMOUNT ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 8.4-9.6 WATTS LINEAR POWER ADAPTORS
logo
FSP TECHNOLOGY INC.
FSP015-REMM FSP-FSP015-REMM Datasheet
83Kb / 1P
   Interchangeable AC plugs
FSP015-RCMM FSP-FSP015-RCMM Datasheet
83Kb / 1P
   Interchangeable AC plugs
FSP015-RDMM FSP-FSP015-RDMM Datasheet
83Kb / 1P
   Interchangeable AC plugs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com