Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR745N3-G-P003 Datasheet(PDF) 10 Page - Microchip Technology

Part # LR745N3-G-P003
Description  High-Input Voltage SMPS Start-up
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR745N3-G-P003 Datasheet(HTML) 10 Page - Microchip Technology

Back Button LR745N3-G-P003 Datasheet HTML 6Page - Microchip Technology LR745N3-G-P003 Datasheet HTML 7Page - Microchip Technology LR745N3-G-P003 Datasheet HTML 8Page - Microchip Technology LR745N3-G-P003 Datasheet HTML 9Page - Microchip Technology LR745N3-G-P003 Datasheet HTML 10Page - Microchip Technology LR745N3-G-P003 Datasheet HTML 11Page - Microchip Technology LR745N3-G-P003 Datasheet HTML 12Page - Microchip Technology LR745N3-G-P003 Datasheet HTML 13Page - Microchip Technology LR745N3-G-P003 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
LR745
DS20005394A-page 10
 2015 Microchip Technology Inc.
3-Lead TO-243AA (SOT-89) Package Outline (N8)
Symbol
A
b
b1
C
D
D1
E
E1
e
e1
H
L
Dimensions
(mm)
MIN
1.40
0.44
0.36
0.35
4.40
1.62
2.29
2.00
1.50
BSC
3.00
BSC
3.94
0.73
NOM
--------
--
MAX
1.60
0.56
0.48
0.44
4.60
1.83
2.60
2.29
4.25
1.20
JEDEC Registration TO-243, Variation AA, Issue C, July 1986.
† This dimension differs from the JEDEC drawing
Drawings not to scale.
b
b1
D
D1
E H
E1
C
A
12
3
e
e1
Top View
Side View
L
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.


Similar Part No. - LR745N3-G-P003

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR745N3-G SUTEX-LR745N3-G Datasheet
558Kb / 7P
   High Input Voltage SMPS Start-up
LR745N3-G SUTEX-LR745N3-G Datasheet
558Kb / 7P
   High Input Voltage SMPS Start-up
More results

Similar Description - LR745N3-G-P003

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR745N8-G SUTEX-LR745N8-G Datasheet
558Kb / 7P
   High Input Voltage SMPS Start-up
LR745N3-G SUTEX-LR745N3-G Datasheet
558Kb / 7P
   High Input Voltage SMPS Start-up
LR745 SUTEX-LR745 Datasheet
327Kb / 5P
   High Input Voltage SMPS Start-up Circuit
LR645 SUTEX-LR645_07 Datasheet
812Kb / 9P
   High Input Voltage SMPS Start-up / Linear Regulator
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
   High Input Voltage SMPS Start-up / Linear Regulator
logo
Lowpower Semiconductor ...
LP6205S POWER-LP6205S Datasheet
364Kb / 5P
   1.3V Start-up Input Voltage
logo
Infineon Technologies A...
IRS25751LPBF INFINEON-IRS25751LPBF Datasheet
610Kb / 13P
   High-Voltage Start-Up IC
January 15, 2015
logo
International Rectifier
IRS25751LPBF IRF-IRS25751LPBF_15 Datasheet
610Kb / 13P
   High-Voltage Start-Up IC
logo
SYNC POWER Crop.
SP689 SYNC-POWER-SP689 Datasheet
220Kb / 5P
   Ultra High Voltage Start Up
logo
STMicroelectronics
HVLED001 STMICROELECTRONICS-HVLED001 Datasheet
623Kb / 27P
   800 V high voltage start-up
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com