Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP151A13A0MR-G Datasheet(PDF) 1 Page - ZP Semiconductor

Part # XP151A13A0MR-G
Description  Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

XP151A13A0MR-G Datasheet(HTML) 1 Page - ZP Semiconductor

  XP151A13A0MR-G Datasheet HTML 1Page - ZP Semiconductor XP151A13A0MR-G Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
XP151A13A0MR-G
Power MOSFET
PRODUCTS
PACKAGE
ORDER UNIT
XP151A13A0MR
SOT-23
3,000/Reel
XP151A13A0MR-G
(*)
SOT-23
3,000/Reel
PARAMETER
SYMBOL RATINGS UNITS
Drain - Source Voltage
Vdss
20
V
Gate - Source Voltage
Vgss
±8
V
Drain Current
(DC)
Id
1
A
Drain Current
(Pulse)
Idp
4
A
Reverse Drain Current
Idr
1
A
Channel Power Dissipation *
Pd
0.5
W
Channel Temperature
Tch
150
Storage Temperature
Tstg
-55~150
■GENERAL DESCRIPTION
The XP151A13A0MR-G is an N-channel Power MOSFET with low on state resistance and ultra high-speed switching
characteristics.
Because high-speed switching is possible, the IC can be efficiently set thereby saving energy.
In order to counter static, a gate protect diode is built-in.
The small SOT-23 package makes high density mounting possible.
■APPLICATIONS
●Notebook PCs
●Cellular and portable phones
●On-board power supplies
●Li-ion battery systems
■FEATURES
Low On-State Resistance : Rds(on) = 0.1Ω@ Vgs = 4.5V
: Rds(on) = 0.14Ω@ Vgs = 2.5V
: Rds(on) = 0.25Ω@ Vgs = 1.5V
Ultra High-Speed Switching
Gate Protect Diode Built-in
Driving Voltage
: 1.5V
N-Channel Power MOSFET
DMOS Structure
Small Package
: SOT-23
Environmentally Friendly : EU RoHS Compliant, Pb Free
■PIN CONFIGURATION/
MARKING
■PRODUCT NAMES
■ABSOLUTE MAXIMUM RATINGS
■EQUIVALENT CIRCUIT
Ta = 25℃
* When implemented on a ceramic PCB
G:Gate
S:Source
D:Drain
1 1
3
x
* x represents production lot number.
(*) The “-G” suffix denotes Halogen and Antimony free as well as
being fully RoHS compliant.
1 of 2
sales@zpsemi.com
www.zpsemi.com


Similar Part No. - XP151A13A0MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP151A13A0MR-G TOREX-XP151A13A0MR-G Datasheet
312Kb / 5P
   Power MOSFET
More results

Similar Description - XP151A13A0MR-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com