Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
M54530P Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor
Part No.
M54530P
Description
7
UNIT
400MA
DARLINGTON
TRANSISTOR
ARRAY
WITH
CLAMP
DIODE
Download
3 Pages
Scroll/Zoom
100%
Maker
MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage
http://www.mitsubishichips.com
Logo
M54530P Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor
zoom in
zoom out
2
/ 3 page
Html Pages
1
2
3
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
M54531P
7
UNIT
400MA
DARLINGTON
TRANSISTOR
ARRAY
WITH
CLAMP
DIODE
1
2
3
Mitsubishi Electric Semiconductor
M54522P
8-UNIT
400mA
DARLINGTON
TRANSISTOR
ARRAY
WITH
CLAMP
DIODE
1
2
3
4
Mitsubishi Electric Semiconductor
M54528P
7-
UNIT
150MA
DARLINGTON
TRANSISTOR
ARRAY
WITH
CLAMP
DIODE
1
2
Mitsubishi Electric Semiconductor
M54561P
7-UNIT
300mA
SOURCE
TYPE
DARLINGTON
TRANSISTOR
ARRAY
WITH
CLAMP
DIODE
1
2
3
4
Mitsubishi Electric Semiconductor
M54525P
7-UNIT
500mA
DARLINGTON
TRANSISTOR
ARRAY
WITH
CLAMP
DIODE
1
2
3
Mitsubishi Electric Semiconductor
M54532P
4-UNIT
1.5A
DARLINGTON
TRANSISTOR
ARRAY
WITH
CLAMP
DIODE
1
2
3
4
Mitsubishi Electric Semiconductor
M54526P
7-UNIT
500mA
DARLINGTON
TRANSISTOR
ARRAY
WITH
CLAMP
DIODE
1
2
3
4
Mitsubishi Electric Semiconductor
M54527P
6-UNIT
150mA
DARLINGTON
TRANSISTOR
ARRAY
WITH
CLAMP
DIODE
1
2
3
4
Mitsubishi Electric Semiconductor
M54562P
8-UNIT
500mA
SOURCE
TYPE
DARLINGTON
TRANSISTOR
ARRAY
WITH
CLAMP
DIODE
1
2
3
4
Mitsubishi Electric Semiconductor
M54563P
8-UNIT
500mA
SOURCE
TYPE
DARLINGTON
TRANSISTOR
ARRAY
WITH
CLAMP
DIODE
1
2
3
4
Mitsubishi Electric Semiconductor
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn