Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA3541 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA3541
Description  Class AB Stereo Headphone Driver with Mute
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA3541 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA3541 Datasheet HTML 1Page - Anpec Electronics Coropration APA3541 Datasheet HTML 2Page - Anpec Electronics Coropration APA3541 Datasheet HTML 3Page - Anpec Electronics Coropration APA3541 Datasheet HTML 4Page - Anpec Electronics Coropration APA3541 Datasheet HTML 5Page - Anpec Electronics Coropration APA3541 Datasheet HTML 6Page - Anpec Electronics Coropration APA3541 Datasheet HTML 7Page - Anpec Electronics Coropration APA3541 Datasheet HTML 8Page - Anpec Electronics Coropration APA3541 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. B.1 -Apr., 2003
APA3541/4
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
V
DD
Supply Voltage
7
V
t
SC(O)
Output Short-circuit Duration, at T
A=25°C, Ptot=1W
20
S
T
A
Operating Ambient Temperature range
-40 to 85
°C
T
J
Maximum Junction Temperature
150
°C
T
STG
Storage Temperature Range
-65 to +150
°C
T
S
Soldering Temperature,10 seconds
300
°C
V
ESD
Electrostatic Discharge
-3000 to 3000 *1
V
Pin Name
I/O
Function Description
Out A
O
A channel output pin
Mute
I
Chip disable control input, low active and high for normal operating
Input A
I
A channel input terminal
V
SS
Power ground pin
Input B
I
B channel input terminal
BIAS
I
Right channel bias input pin
OUT B
O
B channel output pin
V
DD
Power input pin
Absolute Maximum Ratings
Note: 1. Human body model : C=100pF, R=1500
Ω, 3 positive pulses plus 3 negative pulses
Function Pin Description
Block Diagram
Input B
Out B
BIAS
Mute
Out A
Input A
BIAS
+
A
B
+
1
2
3
4
V
SS
5
6
7
8
V
DD
MU T E
0dB
(6dB )
0dB
(6dB )
180k
(90kΩ)
180k
(90kΩ)
* The values in parenthessis are for the APA3544.


Similar Part No. - APA3541

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300 ACTEL-APA300 Datasheet
1Mb / 174P
   Ultra-Fast Local and Long-Line Network
APA300 ACTEL-APA300 Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA300 MICROSEMI-APA300 Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
APA300 MICROSEMI-APA300 Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA300 ACTEL-APA300 Datasheet
352Kb / 10P
   ProASICPLUS Flash Family FPGAs
More results

Similar Description - APA3541

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3541 UTC-3541_12 Datasheet
201Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_09 Datasheet
168Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_15 Datasheet
231Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
List of Unclassifed Man...
TP5228 ETC1-TP5228 Datasheet
332Kb / 12P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
Unisonic Technologies
3541 UTC-3541 Datasheet
117Kb / 5P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
List of Unclassifed Man...
RT9131 ETC1-RT9131 Datasheet
215Kb / 6P
   Class AB stereo Headphone Drive with Mute
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
   Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
   Class AB Stereo Headphone Driver
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
   Class AB Stereo Headphone Driver
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com