Electronic Components Datasheet Search |
|
N5414B Datasheet(PDF) 2 Page - Keysight Technologies |
|
N5414B Datasheet(HTML) 2 Page - Keysight Technologies |
2 / 12 page 02 | Keysight | InfiniiScan Event Identification Software - Data Sheet Identify Signal Integrity Issues Quickly and Easily Today’s digital signals are increasingly complex. Designers of serial links and parallel busses want to quickly identify signal anomalies in their designs. Engineers have traditionally relied on hardware triggering and deep memory to capture such illusive events. However, these classic methods fall short in some key areas. The Keysight Technologies, Inc. InfiniiScan software allows you to use an oscilloscope to identify signal integrity issues that hardware triggering is unable to find in your electronic designs. This innovative software scans through thousands of acquired waveforms per second to help you isolate signal anomalies, saving you Consideration Classic methods InfiniiScan software Number of events that can be monitored simultaneously One, the hardware trigger event Up to five different events or the same event on four channels Number of occurrences of that event that can be identified One, the occurrence at the hardware trigger point Unlimited number of events within the acquired time window Variety of events that can be identified Approximately ten, fixed and limited by hardware triggering capabilities Software descriptions provide increased event definition flexibility Maximum speed of events that can be isolated Minimum input setting of 300 ps, limited by hardware triggering circuits Events as narrow as 70 ps can be isolated, limited only by sample rate resolution Difficulty in defining the proper setup to capture the event Requires triggering expertise. Many people end up pressing the Single key many times or spending hours scanning though acquired data. If you can see it, you can capture it using the zone qualify capabil- ity or any of InfiniiScan’s other power isolation mechanisms Finding an event of interest in a deep memory capture Manually inspecting waveforms is impractical, as 1 M point of memory represents 10,000 screens of waveforms Scope scans the waveform so you don’t have to, and no programming is required Looking for a third state event Trigger on two events and scan through data to find the third stage With InfiniiScan and hardware triggering of the 90000 Series, trigger on the first two events and the scope scans for the third |
Similar Part No. - N5414B |
|
Similar Description - N5414B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |