Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N5413B Datasheet(PDF) 10 Page - Keysight Technologies

Part # N5413B
Description  DDR2 and LPDDR2 Compliance Test Application
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5413B Datasheet(HTML) 10 Page - Keysight Technologies

Back Button N5413B Datasheet HTML 6Page - Keysight Technologies N5413B Datasheet HTML 7Page - Keysight Technologies N5413B Datasheet HTML 8Page - Keysight Technologies N5413B Datasheet HTML 9Page - Keysight Technologies N5413B Datasheet HTML 10Page - Keysight Technologies N5413B Datasheet HTML 11Page - Keysight Technologies N5413B Datasheet HTML 12Page - Keysight Technologies N5413B Datasheet HTML 13Page - Keysight Technologies N5413B Datasheet HTML 14Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10 | Keysight | N5413B and N5413C DDR2 and LPDDR2 Compliance Test Application – Data Sheet
Ordering Information
Software options
Application
License type
Infiniium Z-Series Infiniium
S- Series
Infiniium
90000 Series
Infiniium
9000 Series
DDR2 and LPDDR2
compliance
Fixed
Factory-installed
N5413B-1FP
N5413C-1FP
Option 033
Option 032
User-installed
N5413B-1FP
N5413C-1FP
N5413B-1NL
N5413C-1NL
Floating
Transportable
N5413B-1TP
N5413C-1TP
N5413B-1TP 1, 2
N5413C-1TP 1, 2
Server-based
N5435A-037
DDR2 upgrade to
LPDDR2
Fixed
Factory-installed
User-installed
N5413B-2FP
N5413C-2FP
N5413B-2NL
N5413C-2NL
Floating
Transportable
Server-based
DDR2 and LPDDR2
debug tool
Fixed
Factory-installed
N5413B-3FP
N5413C-3FP
User-installed
N5413B-3FP
N5413C-3FP
N5413B-3NL
N5413C-3NL
Floating
Transportable
N5413B-3TP
N5413C-3TP
N5413B-3TP 1, 2
N5413C-3TP 1, 2
Server-based
DDR compliance
software bundle
Fixed
Factory-installed
N5459B-1FP
N5459C-1FP
User-installed
N5459B-1FP
N5459C-1FP
N5459B-1NL
N5459C-1NL
Floating
Transportable
Server-based
Serial data analysis
software (included in
DSA model)
Fixed
Factory-installed
E2688A-1FP
N5384A-1FP
Option 003
Option 003
User-installed
E2688A-1FP
N5384A-1FP
E2688A-1NL
N5384A-1NL
Floating
Transportable
E2688A-1TP
N5384A-1TP
E2688A-1TP 1, 2
N5384A-1TP 1, 2
Server-based
N5435A-003
InfiniiSim Advanced
(optional)
Fixed
Factory-installed
N5465A-1FP
N5465B-1FP
Option 014
Option 014
User-installed
N5465A-1FP
N5465B-1FP
N5465A-1NL
N5465B-1NL
Floating
Transportable
N5465A-1TP
N5465B-1TP
N5465A-1TP 1, 2
N5465B-1TP 1, 2
Server-based
N5435A-027
InfiniiScan (required)
Fixed
Factory-installed
N5414B-1FP
N5415B-1FP
Option 009
Option 009
User-installed
N5414B-1FP
N5415B-1FP
N5414B-1FP
N5415B-1NL
Floating
Transportable
N5414B-1TP
N5415B-1TP
N5414B-1TP 1, 2
N5415B-1TP 1, 2
Server-based
N5435A-004
1. Requires software 5.00 and above.
2. Software 4.30 or above requires Windows 7. N2753A Infiniium Windows XP to 7 OS upgrade kit (oscilloscope already has M890 motherboard). N2754A
Infiniium Windows XP to 7 OS and M890 motherboard upgrade kit (oscilloscope without M890 motherboard). Verify the M890 motherboard using the
procedure found in the Windows 7 upgrade kit data sheet, publication number 5990-8569EN.
Recommended Oscilloscopes
The DDR2 and LPDDR2 compliance software is compatible with Keysight Infiniium Series oscilloscopes with operating software
revision 4.20 or higher. For oscilloscopes with earlier revisions, free upgrade software is available at:
www.keysight.com/find/scope-apps-sw.
Data rate
Minimum bandwidth
Minimum channels
Compatible oscilloscopes
Up to 1067 MT/s
4 GHz
3
Infiniium 9000, 90000, S-Series, and Z-Series


Similar Part No. - N5413B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5413B KEYSIGHT-N5413B Datasheet
4Mb / 32P
   Infiniium 9000 Series Oscilloscopes
N5413B-1NL KEYSIGHT-N5413B-1NL Datasheet
4Mb / 41P
   Infiniium 90000 Series Oscilloscopes
More results

Similar Description - N5413B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5413C KEYSIGHT-N5413C Datasheet
4Mb / 14P
   DDR2 and LPDDR2 Compliance Test Application
U7231C KEYSIGHT-U7231C Datasheet
3Mb / 17P
   Compliance Test Application
U7233A KEYSIGHT-U7233A Datasheet
2Mb / 15P
   DDR1 Compliance Test Application with LPDDR
U7233B KEYSIGHT-U7233B Datasheet
2Mb / 15P
   DDR1 Compliance Test Application with LPDDR
logo
Agilent(Hewlett-Packard...
U7231A HP-U7231A Datasheet
884Kb / 12P
   Compliance Test Application for Infiniium 9000 and 90000 Series Oscilloscope
logo
Keysight Technologies
U7246B KEYSIGHT-U7246B Datasheet
2Mb / 10P
   SD UHS-I Card Compliance Test Application
U7246A KEYSIGHT-U7246A Datasheet
2Mb / 10P
   SD UHS-I Card Compliance Test Application
N1014A KEYSIGHT-N1014A Datasheet
5Mb / 9P
   Compliance and Debug Application
N6462A KEYSIGHT-N6462A Datasheet
2Mb / 18P
   Compliance Test Software
N8839A KEYSIGHT-N8839A Datasheet
1Mb / 13P
   Compliance Test Software
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com