Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA01-24S12 Datasheet(PDF) 3 Page - Total Power International

Part # MA01-24S12
Description  Semi-regulated Output Voltage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MA01-24S12 Datasheet(HTML) 3 Page - Total Power International

  MA01-24S12 Datasheet HTML 1Page - Total Power International MA01-24S12 Datasheet HTML 2Page - Total Power International MA01-24S12 Datasheet HTML 3Page - Total Power International MA01-24S12 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MA01 SERIES
DC/DC CONVERTER 1W, SIP-Package
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
4
-Vout
-Vout
5
No Pin
Common
6
+Vout
+Vout
T=6.1[0.24] for 5V & 12V Input Models
T=7.1[0.28] for 24V Input Models
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pins ±0.05(±0.002)
Physical Characteristics
Case Size (5&12V Input)
: 19.5x6.1x10.2mm (0.77x0.24x0.40 inches)
Case Size (24V Input)
: 19.5x7.1x10.2mm (0.77x0.28x0.40 inches)
Case Material
: Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Pin Material
: Alloy 42
Weight (5&12V Input)
: 2.2g
Weight (24V Input)
: 2.6g
19.5 [0.77]
0.50
[0.02]
18.5 [0.73]
0.5
[0.02]
2.54
[0.10]
2X2.54
[2X0.10]
5.08
[0.20]
1
2
4
5
6
Bottom View
2.4
[0.09]
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MA01-24S12

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MA01-24S12 MINMAX-MA01-24S12 Datasheet
762Kb / 4P
   DC/DC CONVERTER 1W Standard SIP-7 Package Semi-regulated Output Voltage
MA01-24S12H MINMAX-MA01-24S12H Datasheet
773Kb / 4P
   DC/DC CONVERTER 1W Standard SIP-7 Package
logo
Total Power Internation...
MA01-24S12H TOTAL-POWER-MA01-24S12H Datasheet
655Kb / 4P
   Semi-regulated Output Voltage
More results

Similar Description - MA01-24S12

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MA01H TOTAL-POWER-MA01H Datasheet
655Kb / 4P
   Semi-regulated Output Voltage
logo
SynQor Worldwide Headqu...
AQ0300IUXX SYNQOR-AQ0300IUXX Datasheet
3Mb / 14P
   Semi-regulated output for bus stability
AQ0300IUXT SYNQOR-AQ0300IUXT Datasheet
4Mb / 14P
   Semi-regulated output for bus stability
logo
Laird Tech Smart Techno...
WPG-1 LSTD-WPG-1 Datasheet
553Kb / 2P
   Regulated output voltage
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01 Datasheet
762Kb / 4P
   DC/DC CONVERTER 1W Standard SIP-7 Package Semi-regulated Output Voltage
MFW03 MINMAX-MFW03 Datasheet
601Kb / 5P
   fully regulated output voltage
MIDER03-HI MINMAX-MIDER03-HI Datasheet
591Kb / 4P
   fully regulated output voltage
MIE03-HI MINMAX-MIE03-HI Datasheet
733Kb / 4P
   fully regulated output voltage
MIE06-HI MINMAX-MIE06-HI Datasheet
728Kb / 4P
   fully regulated output voltage
MIW10 MINMAX-MIW10 Datasheet
533Kb / 5P
   fully regulated output voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com