Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA03-24S09 Datasheet(PDF) 1 Page - Total Power International

Part # MA03-24S09
Description  High Power Density, 3W in SIP-7 Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MA03-24S09 Datasheet(HTML) 1 Page - Total Power International

  MA03-24S09 Datasheet HTML 1Page - Total Power International MA03-24S09 Datasheet HTML 2Page - Total Power International MA03-24S09 Datasheet HTML 3Page - Total Power International MA03-24S09 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MA03 SERIES
DC/DC CONVERTER 3W, SIP-Package
FEATURES
High Power Density, 3W in SIP-7 Package
Small Footprint: 19.5x 7.6mm (0.77”x 0.30”)
Semi-regulated Output Voltage
High Efficiency to 89%
I/O-isolation 1000VDC
Operating Temp. Range –40°C to +85°C
CSA/UL/IEC/EN 60950-1 (Approval pending)
3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MA03 series is a new range of isolated 3W DC/DC-converter modules in a small SIP-package. There are 12 models available with 5V, 12V or
24VDC input. These products have a typical load regulation of 5.0% to 7.0% depending on model.
The MA03 DC/DC converters are a compromise between a more expensive fully regulated converter and a non-regulated converter. They offer the
designer a new solution for many cost critical applications where the output voltage variation has to be kept in a certain limit under all load conditions.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load @No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
µF
%
MA03-05S05
5
600
12
723
8
83
MA03-05S09
9
333
6
689
7
87
MA03-05S12
12
250
4.5
701
7
85.5
MA03-05S15
5
(4.5 ~ 5.5)
15
200
3
686
50
6
220
87.5
MA03-12S05
5
600
12
298
6
84
MA03-12S09
9
333
6
285
5
87.5
MA03-12S12
12
250
4.5
284
4.5
88
MA03-12S15
12
(10.8 ~ 13.2)
15
200
3
281
40
4
220
89
MA03-24S05
5
600
12
152
5.8
82
MA03-24S09
9
333
6
147
4.8
85
MA03-24S12
12
250
4.5
146
4.3
85.5
MA03-24S15
24
(21.6 ~ 26.4)
15
200
3
147
30
3.5
220
85
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
30
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
VDC
Reverse Polarity Input Current
---
---
0.5
A
Internal Filter Type
Internal Capacitor
Internal Power Dissipation
All Models
---
---
700
mW
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Line Regulation
For Vin Change of 1%
---
±1.01
±1.2
%
Load Regulation
Io=20% to 100%
See Model Selection Guide
Ripple & Noise (20MHz)
---
60
100
mVP-P
Temperature Coefficient
---
±0.01
±0.02
%/℃
Short Circuit Protection
0.5 Second Max.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MA03-24S09

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MA03-24S09 MINMAX-MA03-24S09 Datasheet
543Kb / 4P
   DC/DC CONVERTER 3W High Power Density, 3W in SIP-7 Package
More results

Similar Description - MA03-24S09

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MA03 MINMAX-MA03 Datasheet
543Kb / 4P
   DC/DC CONVERTER 3W High Power Density, 3W in SIP-7 Package
MCWI03 MINMAX-MCWI03 Datasheet
700Kb / 4P
   DC/DCCONVERTER 3W High Power Density in SIP-8 Package
MCW03 MINMAX-MCW03 Datasheet
819Kb / 4P
   DC/DC CONVERTER 3W, High Power Density in SIP-8 Package
logo
Total Power Internation...
MCW03 TOTAL-POWER-MCW03 Datasheet
695Kb / 4P
   High Power Density in SIP-8 Package
MCWI03 TOTAL-POWER-MCWI03 Datasheet
569Kb / 4P
   High Power Density in SIP-8 Package
MEW1000 TOTAL-POWER-MEW1000 Datasheet
552Kb / 4P
   High Power Density in SIP-9 Package
MCW1000 TOTAL-POWER-MCW1000_17 Datasheet
494Kb / 4P
   High Power Density in SIP-8 Package
MCWI02 TOTAL-POWER-MCWI02 Datasheet
668Kb / 3P
   High Power Density in SIP-8 Package
logo
Recom International Pow...
RS6 RECOM-RS6 Datasheet
402Kb / 7P
   Highest Power Density In SIP Package
logo
Minmax Technology Co., ...
MCW1000 MINMAX-MCW1000 Datasheet
603Kb / 4P
   DC/DC CONVERTER 2W High Power Density in SIP-8 Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com