Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA03-24S09 Datasheet(PDF) 3 Page - Total Power International

Part # MA03-24S09
Description  High Power Density, 3W in SIP-7 Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MA03-24S09 Datasheet(HTML) 3 Page - Total Power International

  MA03-24S09 Datasheet HTML 1Page - Total Power International MA03-24S09 Datasheet HTML 2Page - Total Power International MA03-24S09 Datasheet HTML 3Page - Total Power International MA03-24S09 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MA03 SERIES
DC/DC CONVERTER 3W, SIP-Package
Notes
1 Specifications typical at Ta=+25℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2 Ripple & Noise measurement bandwidth is 0-20MHz.
3 These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules;
however they may not meet all specifications listed.
4 All DC/DC converters should be externally fused at the front end for protection.
5 Other input and output voltage may be available, please contact factory.
6 That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
7 Specifications are subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Function
1
+Vin
2
-Vin
4
-Vout
5
No Pin
6
+Vout
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pins ±0.05(±0.002)
Physical Characteristics
Case Size
: 19.5x7.6x10.2mm (0.77x0.30x0.40 inches)
Case Material
: Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Pin Material
: Alloy 42
Weight
: 2.2g
19.5 [0.77]
0.5
[0.02]
2.54
[0.10]
5.08
[0.20]
2X2.54
[2X0.10]
0.50
[0.02]
1
2
4
5
6
18.5 [0.73]
Bottom View
2.4
[0.09]
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MA03-24S09

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MA03-24S09 MINMAX-MA03-24S09 Datasheet
543Kb / 4P
   DC/DC CONVERTER 3W High Power Density, 3W in SIP-7 Package
More results

Similar Description - MA03-24S09

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MA03 MINMAX-MA03 Datasheet
543Kb / 4P
   DC/DC CONVERTER 3W High Power Density, 3W in SIP-7 Package
MCWI03 MINMAX-MCWI03 Datasheet
700Kb / 4P
   DC/DCCONVERTER 3W High Power Density in SIP-8 Package
MCW03 MINMAX-MCW03 Datasheet
819Kb / 4P
   DC/DC CONVERTER 3W, High Power Density in SIP-8 Package
logo
Total Power Internation...
MCW03 TOTAL-POWER-MCW03 Datasheet
695Kb / 4P
   High Power Density in SIP-8 Package
MCWI03 TOTAL-POWER-MCWI03 Datasheet
569Kb / 4P
   High Power Density in SIP-8 Package
MEW1000 TOTAL-POWER-MEW1000 Datasheet
552Kb / 4P
   High Power Density in SIP-9 Package
MCW1000 TOTAL-POWER-MCW1000_17 Datasheet
494Kb / 4P
   High Power Density in SIP-8 Package
MCWI02 TOTAL-POWER-MCWI02 Datasheet
668Kb / 3P
   High Power Density in SIP-8 Package
logo
Recom International Pow...
RS6 RECOM-RS6 Datasheet
402Kb / 7P
   Highest Power Density In SIP Package
logo
Minmax Technology Co., ...
MCW1000 MINMAX-MCW1000 Datasheet
603Kb / 4P
   DC/DC CONVERTER 2W High Power Density in SIP-8 Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com