Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0440A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0440A
Description  Your Best Partner For Frequency Devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0440A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0440A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0440A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0440A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0440A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0440A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0440A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0440A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA0440A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Exactitude•Innovation•Excellence
*Automotive grade
Load Capacitance
(pF)
Tolerance
(ppm)
Size
(mm)
P/N
Frequency
(MHz)
Crystal
TZ2801A
TZ2323C
TZ2810A
TZ0502D
TZ2300A
TZ1478A
TZ0977B
TZ1421A
TZ0475A
TZ2980A
TZ2901B
TZ3023A
TZ3048B
TZ3075A
TZ0909E
TZ2205E
TZ0234D
TZ2936A
TZ1325D
TZ2102A
TZ0661E
TZ2650E
TZ2746A
TZ1987A
TZ1596E
40
48
37.4
20
26
40
40
40
40
24
37.4
24
26
40
38.4
38.4
26
48
26
26
26
40
40
37.4
40
15
7
16
18
11.5
10.5
15
15
15
15
8
7
9
12
10
10
10
9
8
13.5
9
12
11.5
16
10.5
±10
±7
±10
±10
±7
±10
±10
±10
±10
±10
±10
±10
±50
±10
±10
±10
±10
±15
±10
±10
±10
±5
±7
±10
±10
2.5x2.0
2.0x1.6
3.2x2.5
3.2x2.5
2.5x2.0
2.5x2.0
2.5x2.0
2.5x2.0
2.5x2.0
2.5x2.0
2.0x1.6
1.6x1.2
2.5x2.0
3.2x2.5
2.5x2.0
2.0x1.6
3.2x2.5
1.6x1.2
2.0x1.6
3.2x2.5
2.5x2.0
2.5x2.0
3.2x2.5
1.6x1.2
3.2x2.5
Noise
(dB)
Gain
(dB)
Size
(mm³)
TN0081A (GPS+GLONASS)
1575~1606
TN0089A
(GPS+GLONASS+Beidou+Galileo)
1575
1597-1606
1559-1591
1.65
18.5
2.5x2.5x0.535
P/N
Frequency
(MHz)
Front End Module
1.5
1.5x1.1x0.39
15.5
APPLICATION : WIFI | Combo Chip | Bluetooth
TA0222A
TA0223A
TA1218A
TA1629A
TA1468A
TA1869A
TA1834A
2442
2441.8
2436
2450
2441.8
2442
2441.75
55
83.5
72
100
83.5
79
83.5
1.9
2.1
3
1.6
1.8
1.9
3
3.0x3.0
3.0x3.1
1.4x1.1
1.4x1.1
1.4x1.1
1.4x1.1
1.4x1.1
Band Width
(MHz)
Insertion Loss
(dB)
Size
(mm)
SAW Filter
P/N
Frequency
(MHz)
WIFI


Similar Part No. - TA0440A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0440A TAI-SAW-TA0440A Datasheet
1Mb / 6P
   SAW Filter 1575.42 MHz SMD 3X3 mm
logo
Golledge Electronics Lt...
TA0440A GOLLEDGE-TA0440A Datasheet
232Kb / 5P
   1575.420MHz SAW Filter
More results

Similar Description - TA0440A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
List of Unclassifed Man...
10000200 ETC2-10000200 Datasheet
2Mb / 164P
   Let RoseBopla be your partner for standard or customized enclosures.
logo
Black Box Registered Tr...
ES-701 BLACKBOX-ES-701 Datasheet
1Mb / 4P
   CONNECT, CONFIGURE, CONTROL YOUR SERIAL DEVICES
logo
ABB
ACS150 ABB-ACS150 Datasheet
13Mb / 16P
   G et the best out of your basic applications. ACS150 drives.
logo
First Silicon Co., Ltd
PE24B-0603 FS-PE24B-0603 Datasheet
1Mb / 4P
   The best ESD protection for high frequency, low voltage applications
logo
TEMEX
RPT5032A TEMEX-RPT5032A Datasheet
510Kb / 2P
   Best in class frequency versus temperature
RPT5032J TEMEX-RPT5032J Datasheet
553Kb / 2P
   Best in class frequency versus temperature
RPT7050J TEMEX-RPT7050J Datasheet
326Kb / 2P
   Best in class frequency versus temperature
logo
Roithner LaserTechnik G...
LFO-18 ROITHNER-LFO-18 Datasheet
125Kb / 1P
   best source for digital
logo
Cooper Bussmann, Inc.
41206ESDA-TR1 COOPER-41206ESDA-TR1 Datasheet
93Kb / 4P
   The best ESD protection for high frequency, low voltage applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com