Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHX2095A99F Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHX2095A99F
Description  7.5-30GHz Frequency Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHX2095A99F Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHX2095A99F Datasheet HTML 1Page - United Monolithic Semiconductors CHX2095A99F Datasheet HTML 2Page - United Monolithic Semiconductors CHX2095A99F Datasheet HTML 3Page - United Monolithic Semiconductors CHX2095A99F Datasheet HTML 4Page - United Monolithic Semiconductors CHX2095A99F Datasheet HTML 5Page - United Monolithic Semiconductors CHX2095A99F Datasheet HTML 6Page - United Monolithic Semiconductors CHX2095A99F Datasheet HTML 7Page - United Monolithic Semiconductors CHX2095A99F Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7.5-30GHz Frequency Multiplier
CHX2095a99F
Ref. : DSCHX2095a6019 - 19 Jan 16
3/8
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34 - www.ums-gaas.com
Typical on wafer Measurements
Tamb = +25°C & Bias conditions: Vd = 3.5V, Vg1 = Vg2 = -0.9V,
Vg3 adjusted for Id = 75mA under RF Pin = +12dBm.
-24
-20
-16
-12
-8
-4
0
4
8
12
16
6
6.5
7
7.5
8
8.5
Frequency (GHz)
Pout@Fin
Pout@2Fin
Pout@3Fin
Pout@4Fin


Similar Part No. - CHX2095A99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2095 UMS-CHX2095 Datasheet
146Kb / 6P
   7.5-30GHz Frequency Multiplier
CHX2095 UMS-CHX2095 Datasheet
146Kb / 6P
   7.5-30GHz Frequency Multiplier
CHX2095 UMS-CHX2095_15 Datasheet
146Kb / 6P
   7.5-30GHz Frequency Multiplier
More results

Similar Description - CHX2095A99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
MUX-PO9824 UMS-MUX-PO9824 Datasheet
212Kb / 6P
   7.5-30GHz Frequency Multiplier
CHX2095 UMS-CHX2095 Datasheet
146Kb / 6P
   7.5-30GHz Frequency Multiplier
CHX2095 UMS-CHX2095_15 Datasheet
146Kb / 6P
   7.5-30GHz Frequency Multiplier
CHX2093A UMS-CHX2093A_07 Datasheet
323Kb / 6P
   10-30GHz Frequency Multiplier
CHX2093A UMS-CHX2093A Datasheet
76Kb / 5P
   10-30GHz Frequency Multiplier
CHX3068-QDG UMS-CHX3068-QDG_15 Datasheet
431Kb / 8P
   15-30GHz Frequency Multiplier
CHX3068-QDG UMS-CHX3068-QDG Datasheet
349Kb / 8P
   15-30GHz Frequency Multiplier
CHX2193 UMS-CHX2193_15 Datasheet
130Kb / 6P
   7.5-15GHz Frequency Multiplier
CHX2193 UMS-CHX2193 Datasheet
330Kb / 6P
   7.5-15GHz Frequency Multiplier
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com