Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ADT7411 Datasheet(PDF) 3 Page - Analog Devices

Part No. ADT7411
Description  SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADT7411 Datasheet(HTML) 3 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ADT7411
Rev. A | Page 3 of 36
SPECIFICATIONS
Table 1. VDD = 2.7 V to 5.5 V, GND = 0 V, unless otherwise noted. Temperature ranges are −40°C to +120°C.
Parameter1
Min
Typ
Max
Unit
Conditions/Comments
ADC DC ACCURACY
Max VDD= 5 V.
Resolution
10
Bits
Total Unadjusted Error (TUE)
2
3
% of FSR
Offset Error
±0.5
% of FSR
Gain Error
±2
% of FSR
ADC BANDWIDTH
DC
Hz
ANALOG INPUTS
Input Voltage Range
0
2.25
V
AIN1 to AIN8. C4 = 0 in Control Configuration 3.
0
VDD
V
AIN1 to AIN8. C4 = 1 in Control Configuration 3.
DC Leakage Current
±1
µA
Input Capacitance
5
20
pF
Input Resistance
10
MΩ
THERMAL CHARACTERISTICS
Internal reference used. Averaging on.
Internal Temperature Sensor
Accuracy @ VDD = 3.3 V ± 10%
±1.5
°C
TA = 85°C.
±0.5
±3
°C
TA = 0°C to 85°C.
±2
±5
°C
TA = −40°C to +120°C.
Accuracy @ VDD = 5 V ± 5%
±2
±3
°C
TA = 0°C to 85°C.
±3
±5
°C
TA = −40°C to +120°C.
Resolution
10
Bits
Equivalent to 0.25°C.
Long-term Drift
0.25
°C
Drift over 10 years if part is operated at 55°C.
External Temperature Sensor
External transistor = 2N3906.
Accuracy @ VDD= 3.3 V ± 10%
±1.5
°C
TA = 85°C.
±3
°C
TA = 0°C to 85°C.
±5
°C
TA = −40°C to +120°C.
Accuracy @ VDD = 5 V ± 5%
±2
±3
°C
TA = 0°C to 85°C.
±3
±5
°C
TA = −40°C to +120°C.
Resolution
10
Bits
Equivalent to 0.25°C.
Output Source Current
180
µA
High Level.
11
µA
Low Level.
CONVERSION TIMES
Single-channel Mode.
Slow ADC
VDD/AIN
11.4
ms
Averaging (16 samples) on.
712
µs
Averaging off.
Internal Temperature
11.4
ms
Averaging (16 samples) on.
712
µs
Averaging off.
External Temperature
24.22
ms
Averaging (16 samples) on.
1.51
ms
Averaging off.
Fast ADC
VDD/AIN
712
µs
Averaging (16 samples) on.
44.5
µs
Averaging off.
Internal Temperature
2.14
ms
Averaging (16 samples) on.
134
µs
Averaging off.
External Temperature
14.25
ms
Averaging (16 samples) on.
890
µs
Averaging off.
1 See the Terminology section.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn