Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TBR3500 Datasheet(PDF) 2 Page - Dc Components

Part No. TBR3500
Description  RECTIFIER SPECIALISTS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DCCOM [Dc Components]
Homepage  http://www.dccomponents.com
Logo 

TBR3500 Datasheet(HTML) 2 Page - Dc Components

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
DC COMPONENTS CO., LTD.
RATING AND CHARACTERISTIC CURVES ( TBR3500 THRU TBR3516 )
TJ=25oC
TJ=150oC
Per Junction
150
100
200
250
300
350
400
450
1
10
100
1000
0.5
1
1.5
2
2.5
3
3.5
4
INSTANTANEOUS FORWARD VOLTAGE(V)
FIG. 4 - FORWARD VOLTAGE DROP
CHARACTERISTICS
1
10
100
NUMBER OF EQUAL AMPLITUDE
HALF CYCLE CURRENT PULSES (N)
Initial TJ=150oC
@ 60Hz 8.3ms
@ 50Hz 8.3ms
FIG. 1 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
150
100
200
250
300
350
400
450
0.01
0.1
1
Pulse Train Duration(s)
Initial TJ=150oC
No Voltage Reapplied
Rated VRRM Reapplied
FIG. 2 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
500
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration
At Any Rated Load Condition And With
Rated VRRM Applied Following Surge
TJ=150oC
1KW
2KW
3KW
4KW
5KW
7KW
10KW
MAXIMUM ALLOWABLE AMBIENT
TEMPERATURE(oC)
0
5
10
15
20
25
30
35
25
50
100
125
150
FIG. 5 - CURRET RATINGS CHARACTERISTICS
FIG. 3 - TOTAL POWER LOSS CHARACTERISTICS
+
_
120o
(Rect)
120o
(Rect)
R
thSA
= 0.7KW
- Data
R
50
150
70
130
110
90
0
5
10
15
20
25
30
35
40
10
0
20
30
40
50
60
70
70
75
~
TOTAL OUTPUT CURRENT(A)
TOTAL OUTPUT CURRENT(A)
REV-1,Apr/25/2013


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn