Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1066 Datasheet(PDF) 31 Page - Analog Devices

Part # ADM1066
Description  Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1066 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADM1066 Datasheet HTML 24Page - Analog Devices ADM1066 Datasheet HTML 25Page - Analog Devices ADM1066 Datasheet HTML 26Page - Analog Devices ADM1066 Datasheet HTML 27Page - Analog Devices ADM1066 Datasheet HTML 28Page - Analog Devices ADM1066 Datasheet HTML 29Page - Analog Devices ADM1066 Datasheet HTML 30Page - Analog Devices ADM1066 Datasheet HTML 31Page - Analog Devices ADM1066 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
ADM1066
Rev. 0 | Page 31 of 32
OUTLINE DIMENSIONS
1
40
10
11
31
30
21
20
4.25
4.10 SQ
3.95
TOP
VIEW
6.00
BSC SQ
PIN 1
INDICATOR
5.75
BCS SQ
12° MAX
0.30
0.23
0.18
0.20 REF
SEATING
PLANE
1.00
0.85
0.80
0.05 MAX
0.02 NOM
COPLANARITY
0.08
0.80 MAX
0.65 TYP
4.50
REF
0.50
0.40
0.30
0.50
BSC
PIN 1
INDICATOR
0.60 MAX
0.60 MAX
0.25 MIN
EXPOSED
PAD
(BOTTO M VIEW)
COMPLIANT TO JEDEC STANDARDS MO-220-VJJD-2
Figure 48. 40-Lead Lead Frame Chip Scale Package [LFCSP]
(CP-40)
Dimensions shown in millimeters
0.50
BSC
0.27
0.22
0.17
9.00
BSC SQ
1.05
1.00
0.95
7.00
BSC SQ
1.20
MAX
0.20
0.09
TOP VIEW
(PINS DOWN)
1
12
13
25
24
36
37
48
SEATING
PLANE
0.75
0.60
0.45
PIN 1
VIEW A
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
0° MIN
3.5°
0.15
0.05
COMPLIANT TO JEDEC STANDARDS MS-026ABC
Figure 49. 48-Lead Thin Plastic Quad Flat Package [TQFP]
(SU-48)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Description
Package Option
ADM1066ACP
−40°C to +85°C
40-Lead LFCSP
CP-40
ADM1066ACP-REEL
−40°C to +85°C
40-Lead LFCSP
CP-40
ADM1066ACP-REEL7
−40°C to +85°C
40-Lead LFCSP
CP-40
ADM1066ASU
−40°C to +85°C
48-Lead TQFP
SU-48
ADM1066ASU-REEL
−40°C to +85°C
48-Lead TQFP
SU-48
ADM1066ASU-REEL7
−40°C to +85°C
48-Lead TQFP
SU-48
EVAL-ADM1066LFEB
ADM1066 Evaluation Kit (LFSCP Version)
EVAL-ADM1066TQEB
ADM1066 Evaluation Kit (TQFP Version)


Similar Part No. - ADM1066

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ACPZ-REEL AD-ADM1066ACPZ-REEL Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ACPZ-REEL7 AD-ADM1066ACPZ-REEL7 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ASUZ AD-ADM1066ASUZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ASUZ-REEL AD-ADM1066ASUZ-REEL Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
More results

Similar Description - ADM1066

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1062 AD-ADM1062 Datasheet
1Mb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
Rev. PrJ
ADM1069 AD-ADM1069 Datasheet
829Kb / 32P
   SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS
Rev. PrB
ADM1063 AD-ADM1063_15 Datasheet
512Kb / 32P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. C
ADM1063 AD-ADM1063 Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com